PART |
Description |
Maker |
BCM3520 |
CONNEC TV PLUG AND PLAY DTV RECEIVER
|
ETC
|
HM62G36256ABP-30 HM62G36256ABP-33 |
Memory>Fast SRAM>Late Write / High Speed Interface Synchronous SRAM
|
Renesas
|
ECUY1XXXXX |
ECU Series / Multilayer Ceramic Chip Capacitors
|
Panasonic
|
32182 M32182F3UFP |
32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
|
Renesas Electronics Corporation
|
AS5C2568 AS5C2568DJ-20_XT AS5C2568DJ-12_883C AS5C2 |
SRAM 32K x 8 SRAM SRAM MEMORY ARRAY SRAM 静态存储器
|
ETC AUSTIN[Austin Semiconductor] Electronic Theatre Controls, Inc.
|
MB84VD22387EJ-90-PBS MB84VD22396EJ-90-PBS MB84VD22 |
32M (X16) FLASH MEMORY 16M (X16) SRAM Interface FCRAM 32M的(x16)的闪存16M内存(x16)的SRAM接口的FCRAM 32M (X16) FLASH MEMORY 16M (X16) SRAM Interface FCRAM SPECIALTY MEMORY CIRCUIT, PBGA71 ER 9C 9#16 SKT RECP WALL SPECIALTY MEMORY CIRCUIT, PBGA71
|
Spansion Inc. Spansion, Inc.
|
AT45DB011B |
1M bit, 2.7-Volt Only Serial-Interface Flash with One 264-Byte SRAM Buffer
|
Atmel
|
CY7C1382CV25-167AI CY7C1382CV25-200BZI CY7C1382CV2 |
512K x 36 pipelined SRAM, 167MHz 512K x 36/1M x 18 Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3.4 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3 ns, PBGA165 TRANS DARL PNP 100V 8A TO-220FP 1M X 18 CACHE SRAM, 3.4 ns, PQFP100 512K x 36 pipelined SRAM, 225MHz
|
Cypress Semiconductor, Corp.
|
AS9C25128M2036L-250PI AS9C25128M2036L-133FC AS9C25 |
Miniature Enclosed Switches Series 914CE: Top Plunger; 1NC 1NO SPDT Snap Action; 9 foot Cable RECTIFIER STANDARD SINGLE 6A 50V 50 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.0A 1.5V TO-252 RECTIFIER STANDARD SINGLE 6A 800V 800 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 600V 600 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER BRIDGE 2A 800V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK IC REG LDO 1.5A 1.8V TO-252 RECTIFIER STANDARD SINGLE 6A 100V 100 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.5A POS ADJ TO-252 RECTIFIER STANDARD SINGLE 6A 1000V 1000 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 200V 200 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 400V 400 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.5A 3.3V TO-252 RECTIFIER BRIDGE 2A 1000V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK RECTIFIER BRIDGE 2A 600V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 256K X 36 DUAL-PORT SRAM, 6.5 ns, PBGA208 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208
|
Alliance Semiconductor Corporation Alliance Semiconductor, Corp. INTEGRATED SILICON SOLUTION INC Alliance Semiconductor Corp...
|
AT45DB161B |
16M bit, 2.7-Volt Only Serial-Interface Flash with Two 528-Byte SRAM Buffers
|
Atmel
|
AT45DB321C |
32M bit, 2.7-Volt Only Serial Interface Flash with two 528-Byte SRAM Buffers
|
Atmel
|