PART |
Description |
Maker |
CMD93-21SRC/TR8 CMD93-21VGC/TR8 CMD93-21VYC/TR8 CM |
SMT LEDs Tape and reel packaged for high-speed autoinsertion. 表面贴装型LED带和高速插件加工包装卷轴
|
Chicago Miniature Lighting,LLC Chicago Miniature Lighting, LLC
|
GBL01 GBL10 GBL005 GBL02 GBL04 GBL06 GBL08 |
Aluminum Polymer SMT Capacitor; Capacitance: 2700uF; Voltage: 2.5V; Case Size: 10x12.7 mm; Packaging: Tape & Reel 玻璃钝化单相桥式整流 Aluminum Polymer SMT Capacitor; Capacitance: 180uF; Voltage: 2.5V; Case Size: 5x6 mm; Packaging: Tape & Reel 玻璃钝化单相桥式整流 Aluminum Polymer SMT Capacitor; Capacitance: 390uF; Voltage: 2.5V; Case Size: 6.3x6 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 1200uF; Voltage: 2.5V; Case Size: 10x8 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 270uF; Voltage: 16V; Case Size: 10x8 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 2700uF; Voltage: 2.5V; Case Size: 10x12.7 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 180uF; Voltage: 2.5V; Case Size: 5x6 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 680uF; Voltage: 16V; Case Size: 10x12.7 mm; Packaging: Tape & Reel GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
|
GE Security, Inc. GE[General Semiconductor]
|
GBL08 GBL01 GBL010 GBL005 GBL02 GBL04 GBL06 |
Aluminum Polymer SMT Capacitor; Capacitance: 150uF; Voltage: 16V; Case Size: 8x7 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 1500uF; Voltage: 2.5V; Case Size: 8x12 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 2200uF; Voltage: 2.5V; Case Size: 10x10 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 470uF; Voltage: 16V; Case Size: 10x10 mm; Packaging: Tape & Reel 4.0A GLASS PASSIVATED BRIDGE RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
PIC18F45J10-L/ML PIC18F45J10T-L/SO PIC18F45J10T-L/ |
GREEN MODE PWM CONTROL IC; Package: 8-DIP; Container: Rail 28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology Highly-Integrated Green-Mode PWM Controller; Package: 8-DIP; Container: Rail Interleaved Dual BCM PFC Controller; Package: 16-SOIC; Container: Tape & Reel GREEN MODE PWM CONTROL IC; Package: 8-SOIC; Container: Tape & Reel GREEN MODE PWM CONTROL IC; Package: 8-SOIC; Container: Rail Highly Integrated Green-Mode PWM Controller; Package: 6-SSOT-6; Container: Tape & Reel GREEN MODE PWM CONTROL IC; Package: 10-SSOP; Container: Tape & Reel 28/40/44-Pin高性能RISC微控制器与纳瓦技
|
Microchip Technology Inc. Microchip Technology, Inc.
|
47266-7001 0472667001 |
0.50mm (.020) Pitch HDMI* Receptacle, Right Angle, Black, SMT, with Screw, 0.76μm (30μ) Gold (Au) Selective Plating, Matt Tin Plated Shell,with Flange, Tape on Reel Package, Lead Free
|
Molex Electronics Ltd.
|
MMBZ5255ELT1 MMBZ5255ELT3 MMBZ5221ELT1 MMBZ5265ELT |
I<sup>2</sup>C Bus I/O Expander; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 2.4V Zener Zener Voltage Regulators 3-32V Quad Operational Amplifier, Ta= 0 to 70°C; Package: SOIC 14 LEAD; No of Pins: 14; Container: Rail; Qty per Container: 55 3-26V Dual Operational Amplifier, Ta = -40 to 105°C - Pb-free; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ONSEMI[ON Semiconductor]
|
S8121-46R |
SMT CABLE CLIP 1.5 -2.0 mm IN TAPE & REEL
|
Harwin Plc
|
S7251-45R |
SMT SPRING CONTACT (1.5mm HIGH) IN TAPE AND REEL
|
Harwin Plc
|
MMSZ5254B MMSZ5234B MMSZ5256B MICROCOMMERCIALCOMPO |
500 mW Zener Diodes 2.4 to 39 Volts 2.93 V Microprocessor Reset with Open Drain Output and 100 ms Minimum Delay; Package: SC-70 (SOT-323) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 Single Non Inverting Buffer, 3-State; Package: SC-88A, SOT-353, SC-70 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 2.63V uP Supervisory Circuit with Active High and Active Low Complementary outputs, Pb-Free Device; Package: Micro8™; No of Pins: 8; Container
|
Micro Commercial Compon... Micro Commercial Components Corp.
|
TC74HC240AFWI TC74HC241AFI TC74HC244AFI TC74HC244A |
OCTAL BUS BUFFER NON INVERTED, 3-STATE OUTPUTS OCTAL BUS BUFFER INVERTED, 3-STATE OUTPUTS Low Capacitance 8 Line EMI Filter with ESD Protection; Package: DFN16 4.0x1.6x0.9mm, 0.5p, 2 extra test leads; No of Pins: 16; Container: Tape and Reel; Qty per Container: 4000 8 Line EMI Filter with ESD Protection 1.6 x 4.0 mm DFN Package; Package: DFN16 4.0x1.6x0.9mm, 0.5p, 2 extra test leads; No of Pins: 16; Container: Tape and Reel; Qty per Container: 4000 Low Capacitance 8 Line EMI Filter with ESD Protection, 1.6 x 4.0 mm DFN Package ; Package: DFN16 4.0x1.6x0.9mm, 0.5p, 2 extra test leads; No of Pins: 16; Container: Tape and Reel; Qty per Container: 4000 4 Line EMI Filter with ESD Protection DFN 1.35 x 3.0 mm Package; Package: DFN12 3.0x1.35, 0.5P; No of Pins: 12; Container: Tape and Reel; Qty per Container: 3000 Low Capacitance 6 Line EMI Filter with ESD Protection; Package: DFN12 3.0x1.35, 0.5P; No of Pins: 12; Container: Tape and Reel; Qty per Container: 3000 10 Line EMI Filter; Package: Flip-Chip-25 CSP; No of Pins: 25; Container: Tape and Reel; Qty per Container: 3000 TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 东芝的CMOS数字集成电路硅单
|
Toshiba Semiconductor Toshiba Corporation Toshiba, Corp.
|
P70-2100045R |
SMT SPRING LOADED POGO PIN WITH PEG, IN TAPE AND REEL
|
Harwin Plc
|
UUD1H470MCL1GS UUD1V4R7MCL1GS UUD1C270MCL1GS |
Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 47uF; Voltage: 50V; Case Size: 6.3x7.7 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 47 uF, SURFACE MOUNT Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 4.7uF; Voltage: 35V; Case Size: 4x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 4.7 uF, SURFACE MOUNT Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 27uF; Voltage: 16V; Case Size: 5x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27 uF, SURFACE MOUNT
|
Nichicon, Corp.
|