PART |
Description |
Maker |
ATMEGA3290P ATMEGA329PV-20MU ATMEGA3290PV ATMEGA32 |
8-bit Microcontroller with 32K Bytes In-System Programmable Flash 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-KByte EEPROM, 8 Channel 10-bit A/D-c
|
ATMEL[ATMEL Corporation]
|
ATMEGA64 ATMEGA64L |
64-Kbyte self-programming Flash Program Memory, 4-Kbyte SRAM, 2-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 Mhz. 64-Kbyte self-programming Flash Program Memory, 4-Kbyte SRAM, 2-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 Mhz. 3 Volt Operation.
|
Atmel
|
ATMEGA8535 ATMEGA8535L |
8-Kbyte self-programming Flash Program Memory, 544 Byte SRAM, 512 Byte EEPROM, 8-channel 10-bit A/D Converter. Up to 16 MIPS throughput at 16 MHz. 8-Kbyte self-programming Flash Program Memory, 544 Byte SRAM, 512 Byte EEPROM, 8-channel 10-bit A/D Converter. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation
|
Atmel
|
AT89C51CC03 |
8-bit microcontroller with CAN controller and 64-Kbyte Flash. 2-Kbyte RAM, 2-Kbyte EEPROM, SPI. Power Fail Detect (no need for external brown- out). Pinout compatible with T89C51CC01.
|
Atmel
|
ST10F271B ST10F271E |
16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
|
STMicroelectronics
|
ST10F273M-4QR3 |
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
|
ST Microelectronics
|
ST10F271 ST10F271Z1T3 ST10F271Z1Q3 |
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
|
STMicroelectronics
|
M50FLW040AK5G M50FLW040AK5P M50FLW040AK5TP M50FLW0 |
4-Mbit (5 64 Kbyte blocks 3 16 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
|
意法半导
|
LTC1262 LTC1262C LTC1262CN8 LTC1262CS8 LTC1262I LT |
12V, 30mA Flash Memory Programming Supply 12V的,30mA的闪存编程电 12V/ 30mA Flash Memory Programming Supply From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
LTC1263 LTC1263CS8 1263F |
12V/ 60mA Flash Memory Programming Supply 12V, 60mA Flash Memory Programming Supply From old datasheet system
|
Linear Technology
|