PART |
Description |
Maker |
AM75DL9608HGT70IT AM75DL9608HGT75IS AM75DL9608HGT7 |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 64兆位个M x 16位)2兆位米16位).0伏的CMOS只,同时作业闪存,和 64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Xilinx, Inc. Spansion, Inc.
|
AT45DB041B AT45DB041B-CC AT45DB041B-CI AT45DB041B- |
4M bit, 2.7-Volt Only Serial-Interface Flash with Two 264-Byte SRAM Buffers 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
|
ATMEL[ATMEL Corporation] ETC
|
AM29LV160 AM29LV160BB70RSEB AM29LV160BB70REEB AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 6800uF 100WV 20% *NO Pb* 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PDSO48 VARISTOR METAL-OXIDE 150V RAD.3 10MM-DIA BULK 2M X 8 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC http://
|
HY29F080 HY29F080G12 HY29F080G70 HY29F080G90 HY29F |
8 Megabit (1M x 8)/ 5 Volt-only/ Flash Memory 8 Megabit (1M x 8), 5 Volt-only, Flash Memory IC,EEPROM,NOR FLASH,1MX8,CMOS,TSOP,40PIN,PLASTIC From old datasheet system
|
HYNIX[Hynix Semiconductor]
|
AT45DB011-JC 45DB011B AT45DB011-XC AT45DB011-XI AT |
1-Megabit 2.7-volt Only Serial DataFlash 1-Megabit 2.7-volt Only Serial DataFlash 1M X 1 FLASH 2.7V PROM, PDSO14 1-Megabit 2.7-volt Only Serial DataFlash 1M X 1 FLASH 2.7V PROM, PQCC32 1-Megabit 2.7-volt Only Serial DataFlash 1M X 1 FLASH 2.7V PROM, PDSO8
|
ATMEL Corporation Atmel Corp. Atmel, Corp. http://
|
S29GL064N11BAIV10 S29GL064N11FAIV12 S29GL064N11BFI |
64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology 64兆,32兆位3.0伏只页面模式闪存具有110纳米MirrorBit工艺技 64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology 4M X 16 FLASH 3V PROM, 90 ns, PDSO48
|
Spansion Inc. PROM Spansion, Inc. SPANSION LLC
|
AT49BV2048 |
2-Megabit 3-volt Only Flash Memory(2M浣?3V???瀛???ī 2M bit. 2.7-Volt Read and 2.7-Volt Write. Byte-Write Flash. Bottom Boot
|
Atmel Corp.
|
AM29F040B AM29F040B-70 29F040 AM29F040B-90PIB AM29 |
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 55 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 4兆位12亩8位)的CMOS 5.0伏只,统一部门快闪记忆 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 55 ns, PDSO32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 70 ns, PDSO32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 150 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 90 ns, PDSO32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 90 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Uniform Sector Flash Memory 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only/ Uniform Sector Flash Memory
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
S29CD016G0JFAA002 S29CD016G0JFAA012 S29CD016G0JFAA |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
|
SPANSION[SPANSION]
|
AM29F016 AM29F016-90 AM29F016-75 AM29F016-75FIB AM |
LM330 3-Terminal Positive Regulator; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail 16-Megabit097152*8-bit)CMOS 5.0 Volt-only,sector Erase Flash memory LM32 Dual Thermal Diode Temperature Sensor with SensorPath™ Bus; ; Qty per Container: 1 LM3310 Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch; Package: LLP; No of Pins: 24; Qty per Container: 4500; Container: Reel 16兆位097152 × 8位)CMOS 5.0伏只,扇区擦除闪 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 120 ns, PDSO44 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 90 ns, PDSO48 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 150 ns, PDSO48 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc. SPANSION LLC
|
|