PART |
Description |
Maker |
74VCXH16374-D 74VCXH16374/D 74VCXH16374DT |
16 Bit MCU/DSP 80LD 30 MIPS 144 KB FLASH, Pb FREE, -40C to 85C, 80-TQFP, T/R 16位D型触发器 Low-Voltage 1.8/2.5/3.3V 16-Bit D-Type Flip-Flop With 3.6V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
ADSP-2100 ADSP-2100AJG ADSP-2100AJP ADSP-2100AKG A |
0.3-7V; speed: 10.24MHz; 12.5 MIPS microprocessor. For optimized for DSP algorithms including, digital filtering, fast fourier transforms,image processing, radar, sonar speech processing and telecommunications 0.3-7V; speed: 8.192MHz; 12.5 MIPS microprocessor. For optimized for DSP algorithms including, digital filtering, fast fourier transforms,image processing, radar, sonar speech processing and telecommunications Chip-on-Glass (COG) Technology, 16 Characters x 2 Lines Crimp Socket Contact Power Connection Type:Crimp Contact Circular Connector; No. of Contacts:66; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:18-35 RoHS Compliant: No 12.5 MIPS DSP Microprocessor 24-BIT, 32.768 MHz, OTHER DSP, CPGA100 12.5 MIPS DSP Microprocessor 12.5 MIPS的DSP微处理器 0.3-7V; speed: 6.144MHz; 12.5 MIPS microprocessor. For optimized for DSP algorithms including, digital filtering, fast fourier transforms,image processing, radar, sonar speech processing and telecommunications
|
http:// Analog Devices, Inc.
|
AD90789 ADSP-2191M |
16-bit Fixed-Point DSP, 160 MIPS, 160K bytes RAM ADSP-2191 16-bit Fixed-Point DSP
|
Analog Devices
|
C8051F020 C8051F022 C8051F021 |
25 MIPS,64k Flash,4.25k Ram,12bit ADC,100 Pin MCU(25 MIPS,64k 闪速存储器,4.25k Ram,12ADC,100 MCU) 25 MIPS,64k Flash,4.25k Ram,10bit ADC,100 Pin MCU(25 MIPS,64k 闪速存储器,4.25k Ram,10ADC,100 MCU) 25 MIPS,64k Flash,4.25k Ram,12bit ADC,64 Pin MCU(25 MIPS,64k 闪速存储器,4.25k Ram,12ADC,64 MCU) 25 MIPS的,64K闪存.25k羊,12位ADC4引脚微控制器5 MIPS的,64K的闪速存储器.25k羊,12位ADC4脚微控制器)
|
Cygnal Technologies Connex See Service, Inc.
|
ADSP-2186L1111 ADSP-2186L ADSP-2186LBST-115 ADSP-2 |
16-bit, 40 MIPS, 3.3 v, 2 Serial Ports, Host Port, 40 KB RAM DSP Microcomputer
|
AD[Analog Devices]
|
ADSP-2183BST-115 ADSP-2183BST-133 ADSP-2183BST-160 |
16-bit, 52 MIPS, 3.3 v, 2 serial ports, host port, 80 KB RAM DSP Microcomputer
|
AD[Analog Devices]
|
C8051F018-GQ C8051F018 |
25 MIPS, 16 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
C8051F045 |
25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
C8051F047 |
25 MIPS, 32 KB FLASH, 10-BIT ADC, 64-PIN MIXED-SIGNAL MCU
|
Silicon Laboratories
|
C8051F063 |
25 MIPS, 64 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
C8051F065 |
25 MIPS, 64 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
C8051F334-GM C8051F334 |
25 MIPS, 2 kB Flash, 10-Bit ADC, 20-Pin Mixed-Signal MCU
|
http:// SILABS[Silicon Laboratories]
|
|