PART |
Description |
Maker |
MAX3097 MAX3097E MAX3097ECEE MAX3097ECPE MAX3097EC |
±15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection TRIPLE LINE RECEIVER, PDIP16 ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection TRIPLE LINE RECEIVER, PDSO16 5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection 5kV ESD保护2MbpsV/5V,三RS-422/RS-485接收器的故障检 5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD保护2MbpsV/5V、三RS-422/RS-485接收器,带有故障检 Video/Imaging Fixed-Point Digital Signal Processor 548-FCBGA 15kV ESD-Protected / 32Mbps / 3V/5V / Triple RS-422/RS-485 Receivers with Fault Detection " ?à15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection" 15kV ESD-Protected 32Mbps 3V/5V Triple RS-422/RS-485 Receivers with Fault Detection ??5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection From old datasheet system 【15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection
|
http:// MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAX3098E MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3374EEBL-T MAX3374EEKA-T MAX3390EEBC-T MAX3390E |
??5kV ESD-Protected, 1??, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP ±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP SPECIALTY INTERFACE CIRCUIT, PDSO14 15kV ESD-Protected, 1レA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP ±15kV ESD保护1µA16Mbps、双/四路、低电压电平转换器,UCSP封装 5kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP Serdes (Serializer/Deserializer) Transmitter 56-TSSOP ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MAX3440E MAX3440EAPA MAX3440EASA MAX3440EEPA MAX34 |
15kV ESD-Protected, 60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers " ?0V Fault-Protected, 10Mbps, Fail-Safe RS- 485 Transceiver with ?5kV ESD Protection" "?0V Fault-Protected, ?5kV ESD Protected, 10Mbps, Fail-Safe RS-485 Transceiver with Shutdown" "?0V Fault-Protected, 250kbps, Fail-Safe RS- 485 Transceiver with ?5kV ESD Protection" 15kV ESD-Protected 60V Fault-Protected 10Mbps Fail-Safe RS-485/J1708 Transceivers 15kV ESD-Protected / 60V Fault-Protected / 10Mbps / Fail-Safe RS-485/J1708 Transceivers 【15kV ESD-Protected, 【60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX3070E MAX3070EAPD MAX3070EASD MAX3070EEPD MAX30 |
3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers 3.3V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers " 3.3V, ?5kV ESD-Protected, Fail-Safe, Hot-Swap, Half-Duplex, 16Mbps RS-485/RS-422 Transceivers" " 3.3V, ?5kV ESD-Protected, Fail-Safe, Hot-Swap, Half-Duplex, 250kbps RS-485/RS-422 Transceivers" " 3.3V, ?5kV ESD-Protected, Fail-Safe, Hot-Swap, Full/Half-Duplex RS-485/ RS-422 Transceivers" " 3.3V, ?5kV ESD-Protected, Fail-Safe, Hot-Swap, Full-Duplex, 250kbps RS-485/RS-422 Transceivers" 3.3V 15kV ESD-Protected Fail-Safe Hot-Swap RS-485/RS-422 Transceivers 3.3V, 卤15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers 3.3V / 15kV ESD-Protected / Fail-Safe / Hot-Swap / RS-485/RS-422 Transceivers 3.3V, 【15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
5962-0620701 5962-0620702 5962-0620703 5962-062070 |
5kV ESD Protected, 3.3V, 1A, 250kbps, RS-232 Transmitter/Receiver
|
Intersil
|
5962-0620705 5962-0620706 5962-0620707 5962-062070 |
5kV ESD Protected, 5.0V, 1A, 250kbps, RS-232 Transmitter/Receiver
|
Intersil
|
ISL3293E ISL3298ENBSP ISL3297ENBSP ISL3296E ISL329 |
6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters 【16.5kV ESD Protected, 125∑C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters; Temperature Range: -40°C to 85°C; Package: 8-TDFN T&R LINE DRIVER, PDSO8 ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters; Temperature Range: Full-Range Ind; Package: 8-TDFN T&R LINE DRIVER, PDSO8 ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R LINE DRIVER, PDSO6
|
Intersil Corporation Intersil, Corp.
|
ST3241ECTR ST3241E ST3241EBD ST3241EBDR ST3241EBPR |
?5KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN ?5KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
|
STMICROELECTRONICS[STMicroelectronics]
|
ISL4485E |
RS-485/RS-422 Transceivers, 20Mbps, ESD Protected to 5kV, Half Duplex, 5V, With Rx/Tx Enables
|
Intersil
|
5962-0620702Q3A |
5kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers LINE TRANSCEIVER, CQCC28
|
ITT, Corp.
|
8339 ST485EXN ST485EBD ST485EBDR ST485EBN ST485ECD |
LOW POWER RS-485/RS422 TRANSCEIVER ±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER 【15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER 【5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER ±5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
MAX3344E MAX3345EEUE MAX3344EEBE-T MAX3344EEUE MAX |
±15kV ESD-Protected USB Transceivers in UCSP with USB Detect -5kV ESD-Protected USB Transceivers in UCSP with USB Detect
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
|