PART |
Description |
Maker |
8102 |
CHOKE COMMON MODE 2.5mH 2.4A 2 ELEMENT, 2500 uH, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc.
|
5800-123-RC 5800-102-RC 5800-152-RC 5800-121-RC 58 |
High I , Axial Choke 1 ELEMENT, 12000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR RF Choke; Series:5800; Inductance:1mH; Inductance Tolerance: /- 10 %; Terminal Type:Axial Leaded; Core Material:Ferrite; Current Rating:0.2A; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Resistance:2.3ohm RF Choke; Series:5800; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Axial Leaded; Core Material:Ferrite; Current Rating:0.158A; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Resistance:3.45ohm RF Choke; Series:5800; Inductance:120uH; Inductance Tolerance: /- 10 %; Terminal Type:Axial Leaded; Core Material:Ferrite; Current Rating:0.508A; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Resistance:0.283ohm VW-1 rated shrink tubing to cover winding
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions Bourns Electronic Solut...
|
1120-222K-RC 1120-1R2M-RC 1120-680K-RC 1120-681K-R |
RF Choke; Series:1120; Inductance:2.2mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.54ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:68uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:4.8A; DC Resistance Max:0.053ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.430ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:330uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.305ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.355ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.26ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity
|
BOURNS INC Bourns Electronic Solut...
|
D6247N |
Netz-Gleichrichterdiode Rectifier Diode
|
Infineon Technologies AG
|
D740N |
Netz-Gleichrichterdiode Rectifier Diode
|
Infineon Technologies AG
|
D770N |
Netz-Gleichrichterdiode Rectifier Diode
|
Infineon Technologies AG
|
46DN02 46DN03 46DN04 46DN05 46DN06 |
Netz-Gleichrichterdiode Rectifier Diode
|
eupec GmbH
|
DD285N |
Netz-Dioden-Modul Rectifier Diode Module
|
EUPEC[eupec GmbH]
|