PART |
Description |
Maker |
REC5-123.3SRWH1AMSMD REC5-123.3DRWH3 REC5-123.3DRW |
5 Watt DIP24 & SMD Single & Dual Output 5 Watt DIP24 & SMD Single & Dual Output 5瓦特DIP24
|
RECOM Power Inc. RECOM Electronic GmbH
|
RP1P5 RP1P5-4815SA RP1P5-0505DA RP1P5-0505SA RP1P5 |
1.5 Watt DIP24 & SMD, Single & Dual Output 1.5瓦特DIP24 1.5 WATT DIP24 & SMD, SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC2.2-0509DRWH1BM REC2.2-0505DRWH2AM REC2.2-0505S |
2.2 Watt DIP24 & SMD Single & Dual Output 2.2 Watt DIP24 & SMD Single & Dual Output 2.2瓦特DIP24
|
RECOM Power Inc. RECOM Electronic GmbH
|
RP12-2405SAW RP12-243.3SAW RP12-483.3SAWSMD RP12-2 |
12 Watt DIP24 & SMD, Single & Dual Output
|
Recom International Pow... RECOM[Recom International Power]
|
REC3-XX3.3SRW_H REC3-XX05SRW_H REC3-XX09SRW_H REC3 |
3 Watt DIP24 & SMD Single & Dual Output
|
Recom International Power
|
REC2.2-053.3SRWH1AM REC2.2-123.3SRW REC2.2-483.3SR |
2.2 Watt DIP24 & SMD Single & Dual Output
|
Recom International Pow... RECOM[Recom International Power]
|
REC3-123.3SRW_H4 REC3-123.3SRW_H6 REC3-123.3SRWH4 |
3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Replaced by UCC3817 : High Efficiency, High Power Factor Preregulator 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(5.0V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Power Factor Preregualtor 16-TSSOP 0 to 70 Single Output LDO, 3.0A, Adj.(1.22 to 8.5V), Reverse Current Protection, Thermal Shutdown 5-DDPAK/TO-263 0 to 70 Single Output LDO, 500mA, Adj.(15 to 1.25V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
Electronic Theatre Controls, Inc. RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC5-053.3SRWH6SMD REC5-053.3SRWZH4 REC5-483.3SRWH |
5 Watt DIP24 & SMD Single & Dual Output
|
RECOM[Recom International Power] Recom International Pow...
|
RSS-3.31.8 RSS-1.81.8 RSS-051.8 RSS-3.33.3 RSS-050 |
1 Watt SMD Single & Dual Output 1瓦特贴片 1 Watt SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RQD-1.805 RQS RQS-93.3 RQD-1.809 RQD-1.81.8 RQD-1. |
0.25 Watt SMD Single & Dual Output N-Channel Small Signal MOSFETs (20V
800V); Package: PG-SOT23-3; Package: SOT-23; VDS (max): 55.0 V; RDS (on) (max) (@10V): 650.0 mOhm; RDS (on) (max) (@4.5V): 825.0 mOhm; RDS (on) (max) (@2.5V): -; 0.25 Watt SMD Single & Dual Output 0.25瓦特贴片 CAP Tantalum-Wet Miniature 6V 22.0 uF /-20% Silver can Axial , TPC - Hilton 0.25瓦特贴片
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|