PART |
Description |
Maker |
MAX708TESA MAX706T MAX708TCSA MAX708SEPA MAX708SMJ |
3V Voltage Monitoring, Low-Cost, ?? Supervisory Circuits 3V Voltage Monitoring, Low-Cost, レP Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 103SR Series Unipolar Hall-Effect Digital Position Sensor with 15/32 in cylindrical stainless steel housing; two hex nuts; 1 m [39.4 in] jacketed cable; current sinking output; and Vdc supply voltage 3V Voltage Monitoring / Low-Cost / P Supervisory Circuits 3V Voltage Monitoring, Low-Cost, P Supervisory Circuits 3V VOLTAGE MONITORING, LOW-COST, ヌP SUPERVISORY CIRCUITS 3V Voltage Monitoring Low-Cost P Supervisory Circuits 3V Voltage Monitoring, Low-Cost, μP Supervisory Circuits
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm http:// MAXIM - Dallas Semiconductor
|
CMV7106 CMV7106YR CMV7106YT CMV7106Y/R CMV7106Y |
CMV7106 LOW POWER, LOW VOLTAGE OP AMP WITH RRIO AND SHUTDOWN, SOT23-6 CMV7106低功耗,低电压运算放大器和RRIO和关机,采用SOT23 - 6 Operational Amplifier Low voltage OPAMP with RPIO
|
California Micro Device... California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
P0900SALRP P0900SBLRP P0900SCLRP P0720SBLRP P0720S |
Low voltage overshoot, Low on-state voltage, Low capacitance Baseband Protection (Voice-DS1)
|
Littelfuse
|
MAX6341CPA MAX6341CSA MAX6341EPA MAX6341ESA MAX634 |
Stereo 2-W Audio Power Amp with 4 Selectable Gain Settings and MUX Control 24-HTSSOP -40 to 85 1ppm/C / Low-Noise / 2.5V/ 4.096V/ 5V Voltage References 1ppm/C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/∑C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/C Low-Noise 2.5V/ 4.096V/ 5V Voltage References 1ppm/°C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/??, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MAX6001 MAX6001EUR-T MAX6002 MAX6002EUR-T MAX6003 |
Low-Cost Low-Power Low-Dropout SOT23-3 Voltage References " Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References" Low-Cost / Low-Power / Low-Dropout / SOT23-3 Voltage References Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Metal; Series:MS3106E; Number of Contacts:3; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
LD1985 |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
|
E-Tech Electronics LTD
|
5962R0251002HXA 5962R0251002HXC 5962R0251002HZA 59 |
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References DC to DC Converter DC至DC转换
|
Littelfuse, Inc.
|
BYT230PIV1200 |
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible 与独立二极管组成的阵列|模块
|
STMicroelectronics N.V.
|
LDO59 |
IP Library: Ultra Low Noise, High PSRR, Low Power, 20mA Low Dropout Voltage Regulator
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
MKP1839 |
C-values 1000 pF - 10 μF, Voltage 160 - 630 VDC, Tolerances to 1%, Low losses, Low dielectric absorption, Low profile, AXIAL
|
Vishay
|
LD3980PM15R LD3980PM135R LD3980PM13R LD3980PM08R L |
Low drop - Low supply voltage Low ESR capacitor compatible
|
STMicroelectronics
|