PART |
Description |
Maker |
OP-200GS OP-200 OP-200ARC OP-200AZ OP-200EZ OP-200 |
DUAL OP-AMP, 75 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, CQCC20 DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER 双低失调,低功率运算放大 DUAL LOW OFFSET / LOW POWER OPERATIONAL AMPLIFIER
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
ICL7621 ICL7621DCBA ICL7621DCBA-T ICL7621DCPA ICL7 |
(ICL7621 / ICL7641 / ICL7642) Dual/Quad / Low Power CMOS Operational Amplifiers High-Performance Impact-X<TM> PAL<R> Circuits 20-CFP -55 to 125 Dual/Quad, Low Power CMOS Operational Amplifiers Dual/Quad Low Power CMOS Operational Amplifiers From old datasheet system
|
INTERSIL[Intersil Corporation]
|
TL062G-S08-R TL062G-D08-T |
LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER DUAL OP-AMP, 20000 uV OFFSET-MAX, 1 MHz BAND WIDTH, DIP8
|
UNISONIC TECHNOLOGIES CO LTD
|
HFA1245 HFA1245IP HA5022EVAL FN3682 |
Op Amp, Dual 420MHz, Video, Low Power, Current Feedback, with Disable From old datasheet system Dual 420MHz Low Power Video Current Feedback Operational Amplifier with Disable Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable Dual/ 420MHz/ Low Power/ Video/ Current Feedback Operational Amplifier with Disable Dual, 420MHz, Low Power, Video, Current
Feedback Operational Amplifier with
Disable(双路420MHz低功耗、电流反馈视频运算放大器)
|
INTERSIL[Intersil Corporation]
|
HDM8515P |
Operational Amplifier (Op-Amp) IC; Number of Amplifiers:4; Package/Case:14-DIP; Op Amp Type:Low Power; Single Supply Voltage Min ( V):3V; Dual Supply Voltage Max ( /- V):16V; Amplifier Type:Operational; Mounting Type:Through Hole 的DVB /决策支持系统兼容接收
|
Hynix Semiconductor, Inc.
|
MC33174VP MC33174VPG MC33172DR2 |
Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers QUAD OP-AMP, 6500 uV OFFSET-MAX, 1.8 MHz BAND WIDTH, PDIP14 Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers DUAL OP-AMP, 6500 uV OFFSET-MAX, 1.8 MHz BAND WIDTH, PDSO8
|
ON Semiconductor
|
KA358 KA358A KA358AD KA358AS KA358D KA358S KA2904 |
V CC
OUT1
IN1(-)
Dual Operational Amplifier Dual Operational Amplifier DUAL OP-AMP, 7000 uV OFFSET-MAX, PDSO8 Dual Operational Amplifier DUAL OP-AMP, 10000 uV OFFSET-MAX, PDSO8 Dual Operational Amplifier DUAL OP-AMP, 7000 uV OFFSET-MAX, PDIP8
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
A4558 |
Low Noise Dual OP AMP (The A4558 is a monolithic Integrated Circuit designed for dual operational amplifier.)
|
AUK[AUK corp]
|
EL2045 EL2045CS-T13 EL2045CS-T7 |
Op Amp, 100MHz, Gain-of-2 Stable, Low Power 5.2mA, SR=275V/s, Dual or Single Supply (36V) Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
|
Intersil Corporation
|
NE532D LM158FE SA532D LM358A LM358 SE532 SE532FE S |
Low power dual operational amplifi Dual Operational Amplifier
|
PHILIPS[Philips Semiconductors]
|
LND-OP28 LND-PA21 |
Dual 5A, 44V, BiCMOS Operational Amplifiers Dual 5 Amp 40 V Power Operational Amplifiers
|
Linear Dimensions Semiconductor
|
MCP606-I/P MCP606-I/SN MCP606-I/ST MCP609-I/P MCP6 |
The MCP606 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP609 quad operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... The MCP608 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP607 dual operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... 2.5V TO 5.5V MICROPOWER CMOS OP AMPS
|
Microchip Technology Inc.
|