PART |
Description |
Maker |
LM2902VD LM2902V LM2902 LM324A LM324 LM224 LM324AD |
QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS From old datasheet system Advanced LinCMOS(TM) Low-Noise Chopper-Stabilized Operational Amplifier 8-PDIP Quad Low Power operational Amplifiers QUAD OP-AMP, 10000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO14
|
ON Semi MOTOROLA[Motorola Inc] Motorola Inc Motorola, Inc.
|
5962-88502012A |
Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers; Temperature Range: -55°C to 125°C; Package: 20-CLCC QUAD OP-AMP, 2500 uV OFFSET-MAX, 8 MHz BAND WIDTH, CQCC20
|
Intersil, Corp.
|
5962R9569001VXC 5962R9569001V9A HS1-5104ARH/PROTO |
Op Amp, Quad 8MHz, Low Noise, Slew Rate 2V/s, Rad-Hard Radiation Hardened Low Noise Quad Operational Amplifier
|
http:// Intersil Corporation
|
OP490 OP490RPFB |
Low Voltage Micropower Quad Operational Amplifier QUAD OP-AMP, 1000 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, DFP16
|
Maxwell Technologies, Inc
|
ADD8704ARUZ ADD8704ARU-REEL ADD8704 ADD8704ARUZ-RE |
16 V Quad Operational Amplifier QUAD OP-AMP, 15000 uV OFFSET-MAX, 5.8 MHz BAND WIDTH, PQCC16 16 V Quad Operational Amplifier 16 V的四路运算放大器 16 V Quad Operational Amplifier QUAD OP-AMP, 15000 uV OFFSET-MAX, 5.8 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc. AD[Analog Devices]
|
MC33072PG MC34071 MC33071 MC33072AD MC33072ADG MC3 |
Single Supply 3 V to 44 V, Low Input Offset Voltage, Dual Op Amp DUAL OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PQCC10 3-44V Quad Channel Operational Amplifier, Ta = 0 to 70°C - Pb-free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Rail; Qty per Container: 55 QUAD OP-AMP, 7000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14 3-44V Quad Channel Operational Amplifier with 3mV VIO, Ta = -40 to 85°C - Pb-free; Package: TSSOP-14; No of Pins: 14; Container: Rail; Qty per Container: 96 QUAD OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14 Single Supply 3.0 V to 44 V Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDIP8 Single Supply 3.0 V to 44 V Operational Amplifiers DUAL OP-AMP, 7000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO8 3-44V Quad Channel Operational Amplifier with 3mV VIO, Ta = -40 to 85°C - Pb-free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tube; Qty per Container: 55 QUAD OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14 3-44V Quad Channel Operational Amplifier with 3mV VIO, Ta = -40 to 85°C - Pb-free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 QUAD OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14 Single Supply 3.0 V to 44 V Operational Amplifiers
|
ON Semiconductor
|
MAX6416 MAX6418 MAX6412 MAX6413UK37-T MAX6413UK38- |
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable; Temperature Range: -40°C to 85°C; Package: 8-PDIP " Low-Power, Single/Dual-Voltage ?P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay" Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 12-Bit, 80 MSPS, High Speed Video D/A Converter; Temperature Range: 0°C to 70°C; Package: 28-SOIC Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -40°C to 85°C; Package: 28-SOIC 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Gilbert Cell UHF Transistor Array; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 850MHz, Low Distortion Programmable Gain Buffer Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 330MHz, Low Power, Current Feedback Video Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 10-Bit, 40MSPS A/D Converter with CMOS Outputs; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 8-Bit, 165/125/60MSPS, High Speed D/A Converter; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 12-Bit, Low Cost, Monolithic D/A Converters; Temperature Range: 0°C to 70°C; Package: 24-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 360MHz, Low Power, Video Operational Amplifier with Output Limiting; Temperature Range: -40°C to 85°C; Package: 8-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R
|
Maxim Integrated Products, Inc. 电源管理 MAXIM INTEGRATED PRODUCTS INC
|
MCP60104 MCP604T MCP601 MCP601-E_CH MCP601-E_OT MC |
MCP601 operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 and an offset ... The MCP602 dual operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 ... MCP603 operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 and an offset ... The MCP604 quad operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230. ... 2.7V to 5.5V Single-Supply CMOS Op Amps
|
MICROCHIP[Microchip Technology]
|
MAX4122 MAX4122EUK MAX4123 MAX4123C_D MAX4123ESA M |
Quad, wide-bandwidth, low-power, single-supply Rail-to-Rail I/O op amp. BW 5MHz. MAX4122, MAX4123, MAX4124, MAX4125, MAX4126, MAX4127, MAX4128, MAX4129 Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-supply Rail-to-rail I/o op Amps "?Dual, 5MHz Bandwidth, Low-Power, Rail-to-Rail I/O Op Amp W/ Shutdown" Single/Dual/Quad, Wide-Bandwidth, Low-Power,Single-Supply Rail-to-Rail I/O Op Amps "Dual, 25MHz Bandwidth, Low-Power, Rail-to-Rail I/O Op Amp" "Dual, 5MHz Bandwidth, Low-Power, Rail-to-Rail I/O Op Amp" "?Single, 5MHz Bandwidth, Low-Power, Rail-to-Rail I/O Op Amp W/ Shutdown" Single/Dual/Quad / Wide-Bandwidth / Low-Power / Single-Supply Rail-to-Rail I/O Op Amps
|
MAXIM INTEGRATED PRODUCTS INC http:// MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
MCP6041 MCP6043 MCP6044 MCP6042 MCP6044T MCP6041T |
The MCP6041 operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 nA ... The MCP6044 quad operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 ... The MCP6043 operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 nA ... The MCP6042 dual operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 ... 600 nA, Rail-to-Rail Input/Output Op Amps
|
MICROCHIP[Microchip Technology]
|
|