PART |
Description |
Maker |
2N1493 2N1410 2N335 2N337 2N333 2N2537 2N3510 2N36 |
5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | NPN | 25MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 10V V(BR)CEO | 500MA I(C) | TO-52 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 500MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 50MA I(C) | TO-72 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 6V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 7V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 300MA I(C) | TO-5
|
Weidmuller, Corp.
|
ZX5T851A ZX5T851ASTZ ZX5T851ASTOA |
NPN Med Power Transistor 60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE 4500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
2N2916 2N2914 2N2918 2N2914CECC 2N2918CECC |
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE Dual NPN Planar Transistor in a TO-77 Hermetic Package(双晶体管TO-77陶瓷封装 NPN 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77
|
Seme LAB TT electronics Semelab Limited TT electronics Semelab, Ltd.
|
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
CIL858O CIL859O CIL2229Y CIL2331 CSC2331 CIL857O C |
TRANSISTOR | BJT | NPN | 250V V(BR)CEO | TO-237VAR TRANSISTOR | BJT | NPN | 300V V(BR)CEO | TO-237 TRANSISTOR | BJT | NPN | 150V V(BR)CEO | TO-237 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | TO-237VAR TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 700MA I(C) | TO-237AA TRANSISTOR | BJT | NPN | 200V V(BR)CEO | TO-237VAR TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 1.5A I(C) | TO-237AA TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 1.5A I(C) | TO-237 TRANSISTOR | BJT | PNP | 160V V(BR)CEO | TO-237 晶体管|晶体管|进步党| 160V五(巴西)总裁|37 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 1.5A I(C) | TO-237AA
|
Infineon Technologies AG
|
2N538 2N522 2N941 2N586 2N502A 2N795 2N738 2N779 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 8V V(BR)CEO | TO-5 TRANSISTOR | BJT | PNP | 8V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | TO-9 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | TO-9 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 200MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 12V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | TO-18 晶体管|晶体管|叩| 50V五(巴西)总裁|8 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 30V的五(巴西)总裁| 500mA的一(c)|
|
Central Semiconductor, Corp. Microsemi, Corp.
|
FTM3725 |
NPN General Purpose Amplifier NPN Transistor 1200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, MS-012AC
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
164-22 163-28 163-12 164-12 164-26 164-20 164-30 1 |
TRANSISTOR | BJT | NPN | 220V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 260V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 20A I(C) | STR-5/16 晶体管|晶体管|叩| 160V五(巴西)总裁|甲一c)| STR-5/16 晶体管|晶体管| npn型| 120伏特五(巴西)总裁|甲一c)| STR-5/16 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 20A I(C) | STR-5/16 晶体管|晶体管|叩| 40V的五(巴西)总裁|甲一(c)| STR-5/16 TRANSISTOR | BJT | NPN | 280V V(BR)CEO | 20A I(C) | STR-5/16 晶体管|晶体管| npn型| 280伏特五(巴西)总裁|甲一(c)| STR-5/16
|
Ecliptek, Corp.
|
BFP650 |
Digital Transistors - NPN SiGe RF Transistor, high power amplifiers, low noise RF transistor in SOT343 Package, 4V, 150mA NPN Silicon Germanium RF Transistor
|
Infineon Technologies AG
|
2SC5346 2SC5346S |
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 50MA I(C) | SC-71VAR 50 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
|
Panasonic, Corp. Matsshita / Panasonic Panasonic Semiconductor
|
BUD7312 BUD7312-SMD |
3 A, 600 V, NPN, Si, POWER TRANSISTOR, TO-251 3 A, 600 V, NPN, Si, POWER TRANSISTOR, TO-252 From old datasheet system Silicon NPN High Voltage Switching Transistor
|
VISHAY TELEFUNKEN
|
2SB1516F5/NP 2SA1727F5/NP 2SD1918F5/NP 2SD1767T101 |
3000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.7 A, 80 V, NPN, Si, POWER TRANSISTOR 3000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR 1 A, 32 V, NPN, Si, POWER TRANSISTOR 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
International Rectifier, Corp. Dielectric Laboratories, Inc.
|
|