PART |
Description |
Maker |
ADP3302AR4 ADP3302AR2 ADP3302 ADP3302AR5 |
High Precision anyCAP?Dual Low Dropout Linear Regulator Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect 24-VQFN 0 to 125 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 High Precision anyCAPDual Low Dropout Linear Regulator
|
Analog Devices, Inc.
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
MAX6041AEURTG55 |
Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
|
MAXIM - Dallas Semiconductor
|
WT1117AD-15 WT1117AD-18 WT1117AD-25 WT1117AD-285 W |
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
|
Weitron Technology
|
NCP706AMX300TAG |
Precision Very Low Dropout Voltage Regulator
|
ON Semiconductor
|
5962R8776001BSA 5962R8776001BRA 5962R8776001B2A 59 |
Buffer/Driver TTL Compatible CMOS Analog Switches Precision, Low-Power, Low-Dropout, UCSP Voltage Reference 缓冲驱动
|
ITT, Corp.
|
REF191ESZ REF191ESZ-REEL REF191GS-REEL REF191GSZ R |
PRECISION MICROPOWER, LOW DROPOUT VOLTAGE REFERENCES
|
AD[Analog Devices]
|
GM6605-1.5TC3R GM6605-1.8TA3R GM6605-1.8TA3T GM660 |
5.0A LOW DROPOUT PRECISION LINEAR REGULATORS 5.0a中低压差型精密线性稳压器
|
American Power Management Inc. American Power Management, Inc.
|
NCP706 NCP706MX21TAG NCP706MX22TAG |
1A, 1% Precision Very Low Dropout Voltage Regulator with Enable
|
ON Semiconductor
|
REF198GRUZ-REEL7 REF192GS REF192GSZ |
Precision Micropower, Low Dropout Voltage References Precision Micropower, Low Dropout Voltage References
|
Analog Devices
|
ICL8018A-C ICL8018A-M HI-DAC80V5 HI-DAC85V4 ICL802 |
Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 转换器IC Converter IC 转换器IC Constant-Current/Constant-Voltage Battery Charger with Preset Voltage and Termination Flag; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 转换器IC Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Constant-Voltage/Constant-Current Battery Charger; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C ConverterIC
|
Analog Devices, Inc. Intersil, Corp. M.S. Kennedy, Corp.
|