PART |
Description |
Maker |
GET-BC-0006 |
Qualification Test Results on Si MMIC
|
CEL[California Eastern Labs]
|
GET-30497 |
Qualification Test Results on Si MMIC 资质测试结果对硅单片
|
California Eastern Laboratories, Inc.
|
AEAT-7000 |
The following cumulative test results Reliability Datasheet
|
AVAGO TECHNOLOGIES LIMI... Broadcom Corporation.
|
SRF-1016Z SRF-2016Z STQ-1016Z SRQ-2116Z STQ-3016Z |
RELIABILITY QUALIFICATION REPORT
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|
AT25F512A |
SPI EEPROM PRODUCT QUALIFICATION
|
ATMEL Corporation
|
STQ1016Z STQ3016Z STQ-1016Z STQ-3016Z |
(STQ-x016Z) Reliability Qualification Report
|
ETC
|
IRFB16N50K SIHFB16N50K SIHFB16N50K-E3 IRFB16N50KPB |
Low Gate Charge Qg Results in Simple Drive Requirement
|
Kersemi Electronic Co., Ltd.
|
IRLML6346TRPBF |
Industry-standard SOT-23 Package MSL1, Consumer Qualification Multi-vendor compatibility
|
TY Semiconductor Co., Ltd
|
AT17LV65A AT17LV002A-10QI |
65/128/256/512K-bit and 1/2M-bit FPGA Configurator EEPROM (3.3V and 5V). Obtain the qualification pa
|
Atmel Corp
|
NTE1V300 NTE524V48 NTE524V13 NTE524V15 NTEV480 NTE |
Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 390 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 150 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 270 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 750 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 18 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 24 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 39 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 56 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 68 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 33 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 27 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 22 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 270 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 430 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 390 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 171 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 56 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 120 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 150 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 100 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 82 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 68 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 47 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 33 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 39 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 27 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 24 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 22 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 18 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 47 V @ 1mA DC test current. Metal Oxide Varistors (MOV) 金属氧化物压敏电阻(MOV)的 Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 750 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 100 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 171 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 430 V @ 1mA DC test current.
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
TC57 TC572502ECT TC573002ECT TC573302ECT TC573002 |
The TC57 is a low dropout regulator controller that operates with an external PNP pass transistor, allowing the user to tailor the LDO characteristics to suit the application at hand. This results in lower dropout operation (and often lowe Line Regulator Controller
|
MICROCHIP[Microchip Technology]
|