PART |
Description |
Maker |
APA2174OI-TRG |
Stereo Cap-Free Line Driver
|
Anpec Electronics Coropration
|
APA2172KI-TRG |
Stereo, Differential Input Cap-Free Line Driver
|
Anpec Electronics Coropration
|
ACZRA4729-HF ACZRA4728-HF ACZRA4730-HF ACZRA4751-H |
Halogen Free Zener Diodes, P-D=1Watts, V-Z=3.6V Halogen Free Zener Diodes, P-D=1Watts, V-Z=3.3V Halogen Free Zener Diodes, P-D=1Watts, V-Z=3.9V Halogen Free Zener Diodes, P-D=1Watts, V-Z=30V Halogen Free Zener Diodes, P-D=1Watts, V-Z=33V Halogen Free Zener Diodes, P-D=1Watts, V-Z=4.3V Halogen Free Zener Diodes, P-D=1Watts, V-Z=39V Halogen Free Zener Diodes, P-D=1Watts, V-Z=43V Halogen Free Zener Diodes, P-D=1Watts, V-Z=4.7V Halogen Free Zener Diodes, P-D=1Watts, V-Z=5.1V Halogen Free Zener Diodes, P-D=1Watts, V-Z=5.6V Halogen Free Zener Diodes, P-D=1Watts, V-Z=6.2V Halogen Free Zener Diodes, P-D=1Watts, V-Z=6.8V Halogen Free Zener Diodes, P-D=1Watts, V-Z=7.5V Halogen Free Zener Diodes, P-D=1Watts, V-Z=8.2V Halogen Free Zener Diodes, P-D=1Watts, V-Z=9.1V Halogen Free Zener Diodes, P-D=1Watts, V-Z=10V Halogen Free Zener Diodes, P-D=1Watts, V-Z=11V Halogen Free Zener Diodes, P-D=1Watts, V-Z=13V Halogen Free Zener Diodes, P-D=1Watts, V-Z=15V Halogen Free Zener Diodes, P-D=1Watts, V-Z=16V Halogen Free Zener Diodes, P-D=1Watts, V-Z=18V Halogen Free Zener Diodes, P-D=1Watts, V-Z=20V Halogen Free Zener Diodes, P-D=1Watts, V-Z=22V Halogen Free Zener Diodes, P-D=1Watts, V-Z=24V Halogen Free Zener Diodes, P-D=1Watts, V-Z=36V Halogen Free Zener Diodes, P-D=1Watts, V-Z=47V Halogen Free Zener Diodes, P-D=1Watts, V-Z=51V Halogen Free Zener Diodes, P-D=1Watts, V-Z=82V Halogen Free Zener Diodes, P-D=1Watts, V-Z=68V Halogen Free Zener Diodes, P-D=1Watts, V-Z=91V
|
Comchip Technology
|
FSA2000 |
Auto-Selecting HS-USB Switch with Cap-Free Headphone Audio Amplifier
|
Fairchild Semiconductor
|
TPS73618DB |
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
|
TI
|
LT1580 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
Linear Technology Corporation
|
LND-7800 LND-78L00 LND-7800_78L00 LND-7800/78L00 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
线性稳 Linear Technology Corporation LINER[Linear Technology] http://
|
87891-1818 |
2.54mm (.100) Pitch KK庐 Header, Through Hole, Breakaway, Vertical, 18 Circuits, 0.38渭m (15渭) Gold (Au) Plating, with Cap, Tape on Reel Packaging, Lead-free 2.54mm (.100) Pitch KK? Header, Through Hole, Breakaway, Vertical, 18 Circuits, 0.38μm (15μ) Gold (Au) Plating, with Cap, Tape on Reel Packaging, Lead-free
|
Molex Electronics Ltd.
|
87891-2818 0878912818 |
2.54mm (.100) Pitch KK? Header, Through Hole, Breakaway, Vertical, 28 Circuits, 0.38μm (15μ) Gold (Au) Plating, with Cap, Tape on Reel Packaging, Lead-free 2.54mm (.100) Pitch KK垄莽 Header, Through Hole, Breakaway, Vertical, 28 Circuits, 0.38楼矛m (15楼矛) Gold (Au) Plating, with Cap, Tape on Reel Packaging, Lead-free
|
Molex Electronics Ltd.
|
1206YG564ZAT4A 0603YG564ZAT2A 1210YG564ZAT4A 0805Y |
CAP 0.27UF 25V 80-20% Y5V SMD-0805 TR-7 PLATED-NI/SN CAPACITOR, CERAMIC, MULTILAYER, 25 V, Y5V, 0.27 uF, SURFACE MOUNT, 0805 CAP 0.82UF 16V 80-20% Y5V SMD-0805 TR-7 PLATED-NI/SN CAPACITOR, CERAMIC, MULTILAYER, 16 V, Y5V, 0.82 uF, SURFACE MOUNT, 0805 CAP 0.33UF 16V 80-20% Y5V SMD-0805 TR-7 PLATED-NI/SN CAPACITOR, CERAMIC, MULTILAYER, 16 V, Y5V, 0.33 uF, SURFACE MOUNT, 0805 CAPACITOR, CERAMIC, MULTILAYER, 16 V, Y5V, 0.56 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 16 V, Y5V, 0.56 uF, SURFACE MOUNT, 1210 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 16 V, Y5V, 0.56 uF, SURFACE MOUNT, 0603 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 16 V, Y5V, 0.56 uF, SURFACE MOUNT, 1206 CHIP, LEAD FREE
|
AVX, Corp.
|
|