PART |
Description |
Maker |
AM29LV800BT-80DTC2 AM29LV800BT-80DGI2 AM29LV800BT- |
25NS,OTP CERDIP,883C; LEV B FULLY CMPLNT(EPLD) 20NS, OTP, PLCC, COM TEMP(EPLD) 20NS, SOIC, IND TEMP(EPLD) 25NS, SOIC, COM TEMP(EPLD) 20NS,OTP LCC,883C; LEVEL B FULLY CMPLNT(EPLD) 10MHZ, 8 DIP, COM TEMP(FPGA) 10MHZ, 20 PLCC, IND TEMP(FPGA) 10MHZ, 32 TQFP, COM TEMP(FPGA) 10MHZ, 44 PLCC, COM TEMP(FPGA) 30MHZ, 3.3V, 20 PLCC, COM TEMP(FPGA) 8 TSSOP,PB/HALO FREE,IND,1.8V(SERIAL EE) DIE SALE, 1.8V, 11 MIL(SERIAL EE) 8 PDIP,PB/HALO FREE,IND TEMP,1.8V(SERIAL EE) 65K CONFIG MEM, 20 PLCC, IND TEMP(FPGA) 10MHZ, 20 SOIC, IND TEMP(FPGA) 128K CONFIG MEM, 20 PLCC, COM(FPGA) EEPROM EEPROM 10MHZ, 8 NSOIC, COM TEMP(FPGA) EEPROM 512K X 16 FLASH 3V PROM, 120 ns, UUC44 10MHZ, 8 LAP, 5K MOQ(FPGA) 10MHZ, 8 N-SOIC, COM TEMP(FPGA) 10MHZ, 20 PLCC, COM TEMP(FPGA) 512K X 16 FLASH 3V PROM, 80 ns, UUC44
|
ADVANCED MICRO DEVICES INC
|
WPS512K8C-20RJMB WPS512K8LB-15RJMB WPS512K8LB-25RJ |
512K x 8 SRAM, 20ns 512K x 8 SRAM, low power, 15ns 512K x 8 SRAM, low power, 25ns 512K x 8 SRAM, 15ns 512K x 8 SRAM, 25ns
|
White Electronic Designs
|
CA-PLCC84-Z-C-T-01 |
PLCC Carrier Adaptor 84 position PLCC ZIF socket to 84 position PLCC clip with test points.
|
Ironwood Electronics.
|
ATF22V10C10 ATF22V10C-10GM_883 ATF22V10C-15GM_883 |
High-performance Electrically Erasable Programmable Logic Device 5NS, PLCC, COM TEMP, GREEN(EPLD) FLASH PLD, 5 ns, PQCC28 15NS, PDIP, IND TEMP, GREEN(EPLD) FLASH PLD, 15 ns, PDIP24
|
ATMEL Corporation 聚兴科技股份有限公司 Atmel, Corp.
|
GS71108TP-10 GS71108TP-12 GS71108TP-12I GS71108TP |
15ns 128K x 8 1Mb asynchronous SRAM 12ns 128K x 8 1Mb asynchronous SRAM 10ns 128K x 8 1Mb asynchronous SRAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 0.400 INCH, SOJ-32 128K X 8 STANDARD SRAM, 12 ns, PBGA48 6 X 8 MM, 0.75 MM PITCH, FBGA-48 128K X 8 STANDARD SRAM, 12 ns, PDSO32 0.300 INCH, SOJ-32 128K X 8 STANDARD SRAM, 15 ns, PBGA48 6 X 8 MM, 0.75 MM PITCH, FBGA-48 128K X 8 STANDARD SRAM, 15 ns, PDSO32
|
GSI[GSI Technology] GSI Technology, Inc.
|
EDI8L24128C12BC EDI8L24128C15BC |
12ns; 5V power supply; 128K x 24 asynchronous SRAM CMOS 15ns; 5V power supply; 128K x 24 asynchronous SRAM CMOS
|
White Electronic Designs
|
504-99-100-24-000 504-99-020-24-000 504-99-028-24- |
Sockets for Plastic Leaded Chip Carriers (PLCC) Solder tail 塑料引线芯片载体封装(PLCC)插座焊 TV 30C 10#20 13#16 4#12(COAX)
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
CA-PLCC44-D-J-T-01 |
Carrier Adaptor (CA): 44 position PLCC production socket with test points to 44 position PLCC J leaded SM foot.
|
Ironwood Electronics.
|
CA-PLCC068-Z-J-T-01 |
Carrier Adaptor 2 piece pluggable adaptor, PLCC ZIF socket with test probe to surface mountable PLCC emulator foot.
|
Ironwood Electronics.
|
CA-PLCC052-Z-J-T-01 |
Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
|
Ironwood Electronics.
|
|