PART |
Description |
Maker |
02-09-1111 |
Crimp Socket Contact; Wire Size (AWG):14-18; Contact Material:Brass; Contact Plating:Tin; Contact Termination:Crimp BRASS, WIRE TERMINAL
|
Molex, Inc.
|
FDS4080N7 |
RELAY, 4PCO, 12VDC; Configuration, contact:4PCO; Voltage, contact DC max:30V; Voltage, coil DC nom:12V; Current, contact AC max:5A; Current, contact DC max:5A; Voltage, contact AC max:250V; Resistance, coil:160R; Material, RoHS Compliant: Yes 40V N-Channel FLMP PowerTrench MOSFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
M-FIAM3MS3 M-FIAM3 M-FIAM3H11 M-FIAM3H12 M-FIAM3H1 |
Military 270Vin Filter Input Attenuator Module 军事270Vin滤波器输入衰减模 Crimp Socket Contact; Contact Material:Brass; Contact Termination:Crimp
|
Vicor, Corp. VICOR[Vicor Corporation]
|
M393T5750BY0-CD5/CC M393T2950BZ0-CD5/CC M393T2953B |
100 x 64 pixel format, TAB display SWITCH, DPDT, CTR OFF LOCKING; Thread size:1/4 x 40UNS; Switch function type:DPDT Centre Off; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, RoHS Compliant: Yes SWITCH, SPDT, CTR OFF; Thread size:1/4 x 40UNS; Switch function type:SPDT On-Off-Mom; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; RoHS Compliant: Yes TVS BIDIRECT 1500W 16V SMC DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
RIF-0-RPT-12DC |
Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
|
PHOENIX CONTACT
|
FW1309G00 SF5302Y00 SF5309G00 SF5309W00 SF5A5120J0 |
RF RELAY, DPDT, MOMENTARY, 0.039A (COIL), 26.5VDC (COIL), 1040mW (COIL), 3A (CONTACT), 28VDC (CONTACT), 1000MHz, PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.004A (COIL), 40VDC (COIL), 160mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT-THREADED RF RELAY, DPDT, MOMENTARY, 0.011A (COIL), 16.5VDC (COIL), 182mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.005A (COIL), 26.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.01A (COIL), 26.5VDC (COIL), 281mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.008A (COIL), 40VDC (COIL), 320mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
|
CECC16207-801AOT0YE6 CECC16207-801AOT0YE7 CECC1620 |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.1A (COIL), 5VDC (COIL), 500mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.031A (COIL), 12VDC (COIL), 372mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.02A (COIL), 18VDC (COIL), 360mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.128A (COIL), 5VDC (COIL), 640mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.018A (COIL), 28VDC (COIL), 504mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.041A (COIL), 9VDC (COIL), 369mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.061A (COIL), 6VDC (COIL), 366mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
HI-G ITALIA SRL
|
DF22L-5P-7.92DS05 DF22-5P-7.92DS05 DF22-5P-7.92DSA |
5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER ROHS COMPLIANT 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 4 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP, PLUG 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TüV Listed)
|
HIROSE ELECTRIC Co., Ltd.
|
50736-F501 50736-F223 50736-H695 50736-F745 50736- |
200 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 88 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 276 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 296 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 236 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 260 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 128 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 220 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 160 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 280 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 68 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 228 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 232 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 180 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 316 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 40 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
|
REL-F104 |
KAMMRELAIS ?, contact F 104, size 2, heavy-duty contact, 2 PDTs, input voltage 24 V DC
|
PHOENIX CONTACT
|
3SB3400-0B |
ACTUATOR-/INDICATOR COMPONENT CONTACT BLOCK WITH 1 CONTACT ELEMENT SCREW TERMINAL, 1NO
|
Siemens Semiconductor Group
|
VE-12HS-K-HV-VD VE-12H-K-HV-VD VE-12HM-K-HV-VD VE- |
POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL) POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.02A (COIL), 18VDC (COIL), 360mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.02A (COIL), 18VDC (COIL), 360mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.03A (COIL), 12VDC (COIL), 360mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.06A (COIL), 6VDC (COIL), 360mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.072A (COIL), 5VDC (COIL), 360mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.008A (COIL), 48VDC (COIL), 360mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.04A (COIL), 9VDC (COIL), 360mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.015A (COIL), 24VDC (COIL), 360mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited. http:// Fujitsu, Ltd. Fujitsu Component Limit...
|
|