PART |
Description |
Maker |
3-1419108-9 3-1419108-6 3-1419108-1 RT314024F 5-14 |
Power PCB Relay RT1 5kV/10mm coil-contact, reinforced insulation 1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
|
Tyco Electronics TE Connectivity Ltd
|
TP03AR220D05P15 TP03AR220D05P15W TP03AR220D05P24W |
3W 2.5KV Isolation Wide Input AC/DC Converters
|
Toppower Electronic Tec...
|
PC924 |
COMPLEMENTARY-TRANSISTOR-OUTPUT OPTOCOUPLER,1-CHANNEL,5KV ISOLATION,SO
|
Sharp
|
5962-0620701 5962-0620702 5962-0620703 5962-062070 |
5kV ESD Protected, 3.3V, 1A, 250kbps, RS-232 Transmitter/Receiver
|
Intersil
|
ISL3293E ISL3298ENBSP ISL3297ENBSP ISL3296E ISL329 |
6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters 【16.5kV ESD Protected, 125∑C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters; Temperature Range: -40°C to 85°C; Package: 8-TDFN T&R LINE DRIVER, PDSO8 ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters; Temperature Range: Full-Range Ind; Package: 8-TDFN T&R LINE DRIVER, PDSO8 ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R LINE DRIVER, PDSO6
|
Intersil Corporation Intersil, Corp.
|
5962-0620705Q3A |
5kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
|
Intersil Corporation
|
HCPL4504 |
NPN-OUTPUT DC-INPUT OPTOCOUPLER,1-CHANNEL,2.5KV ISOLATION,DIP
|
Agilent Technologies
|
PS2401 |
PS2401A1 NPN-OUTPUT DC-INPUT OPTOCOUPLER,1-CHANNEL,5KV ISOLATION,DIP
|
NEC Electronics Corp
|
PC410T PC410Z PC410 |
NPN-OUTPUT AC-INPUT OPTOCOUPLER,1-CHANNEL,2.5KV ISOLATION,SO From old datasheet system
|
Sharp Corp
|
TLP551 |
PHOTOCOUPLER GaAAs IRED PHOTO IC NPN-OUTPUT DC-INPUT OPTOCOUPLER,1-CHANNEL,2.5KV ISOLATION
|
Toshiba Semiconductor
|
MAX3202E MAX3202EEB MAX3202EET MAX3203 MAX3203EEB |
Low-Capacitance 2/3/4/6-Channel 15kV ESD Protection Arrays for High-Speed Data Interfaces "Six-channel, 5pF, ?5kV ESD Protection Diodes" "Quad, 5pF, ?5kV ESD Protection Diodes" "Dual, 5pF, ?5kV ESD Protection Diodes" Low-Capacitance / 2/3/4/6-Channel / 15kV ESD Protection Arrays for High-Speed Data Interfaces Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD-Protection Arrays for High-Speed Data Interfaces
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|