PART |
Description |
Maker |
IRG4BC40U |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
|
International Rectifier
|
1MB30-060 1MB30-06001 1MBH30D-060 |
600V / 30A Molded Package
|
Fuji Electric
|
1MBH15D-060 1MBH15D-06004 |
600V / 15A Molded Package
|
Fuji Electric
|
IRG4PC40W IRG4PC40 |
600V Warp 60-150 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.05V, @Vge=15V, Ic=20A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 2.05V,@和VGE \u003d 15V的,集成电路\u003d 20A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
STGW20NB60H 6205 |
N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT N-CHANNEL 20A - 600V TO-247 PowerMESH TM IGBT From old datasheet system N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STGP20NB60H 6203 |
From old datasheet system N-CHANNEL 20A - 600V TO-220 PowerMESH TM IGBT N-CHANNEL 20A - 600V TO-220 PowerMESH IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|
STW20NM60 |
N-CHANNEL Power MOSFET N-CHANNEL 600V - 0.26ohm - 20A TO-247 MDmesh?Power MOSFET N-CHANNEL 600V - 0.26ohm - 20A TO-247 MDmesh⑩Power MOSFET N-CHANNEL 600V - 0.26 OHM - 20A TO-247 MDMESH POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRG4BC10SD-L IRG4BC10SD-S |
600V DC-1 kHz (Standard) Copack IGBT in a D2-Pak package 600V DC-1 kHz (Standard) Copack IGBT in a TO-262 package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, Ic=2.0A)
|
IRF[International Rectifier]
|
20ETS08FP 20ETS12FP 20ETS16FP 20ETS 20ETS08 20ETS1 |
SURFACE MOUNTABLE INPUT RECTIFIER DIODE 800V 20A Std. Recovery Diode in a TO-220AC Full-Pak (2-Pin)package 1200V 20A Std. Recovery Diode in a TO-220AC Full-Pak (2-Pin)package 1600V 20A Std. Recovery Diode in a TO-220AC Full-Pak (2-Pin)package INPUTRECTIFIERDIODETO-220FULLPAK SURFACEMOUNTABLEINPUTRECTIFIERDIODE
|
International Rectifier InternationalRectifier
|
6MBI20GS-060 |
IGBT(600V 20A)
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
GBPC25 GBPC GBPC35 GBPC2502A GBPC2502W GBPC2504W G |
SINGLE PHASE BRIDGE Aluminum Polymer Radial Lead Capacitor; Capacitance: 820uF; Voltage: 6.3V; Case Size: 10x13 mm; Packaging: Bulk 400V Bridge in a GBPC-W package 800V Bridge in a GBPC-W package 400V Bridge in a GBPC-A package 600V Bridge in a GBPC-A package 800V Bridge in a GBPC-A package 1000V Bridge in a GBPC-A package 1200V Bridge in a GBPC-A package 1200V Bridge in a GBPC-W package 600V Bridge in a GBPC-W package 1000V Bridge in a GBPC-W package
|
IRF[International Rectifier]
|