PART |
Description |
Maker |
SAF-XC164CS-16F20FAD SAF-XC164CS-16F40FAD SAF-XC16 |
16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..85C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..125C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 40MHz New enhanced 16 Bit C166S V2 Architecture
|
Infineon
|
SAF-XC161CJ-16FF SAK-XC161CJ-16FF |
16-Bit Microcontrollers - 128 k Flash, 8K RAM, -40C.... 85C 16-Bit Microcontrollers - 128 k Flash, 8 K RAM, -40C... 125C
|
Infineon
|
LPC2119 LPC2119FBD64 LPC2129 LPC2129FBD64 |
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and CAN
|
Philips Semiconductors
|
LPC221208 LPC2212FBD14400 LPC2212FBD14401 LPC2214F |
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
|
Philips Semiconductors NXP Semiconductors
|
LPC2114FBD01 LPC211411 LPC2114FBD64 |
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC Single-chip 16-32-bit microcontrollers; 128-256 kB ISP-IAP flash with 10-bit ADC
|
NXP Semiconductors N.V.
|
LPC2104BBD48 LPC2105BBD48 LPC2106BBD48 LPC2104 LPC |
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
|
NXP Semiconductors
|
LPC2114 LPC2124 |
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP fash
|
NXP Semiconductors
|
P89LPC901 |
8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
|
Philips Semiconductors
|
LPC2104 LPC2104BBD48 LPC2106BBD LPC2106 LPC2106FHN |
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM
|
PHILIPS[Philips Semiconductors]
|
LPC2124 |
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC Single Chip 32-bit Microcontroller Erratasheet
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
P89LPC912 P89LPC912FDH P89LPC913 P89LPC913FDH P89L |
P89LPC912/913/914; 8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
|
Philips NXP Semiconductors
|
LPC2134FBD64 LPC2138FBD64 LPC2132FBD64 LPC2131FBD6 |
LPC2131; LPC2132; LPC2138; Single-chip 16/32-bit microcontrollers; 32/64/512 kB ISP/IAP Flash with 10-bit ADC and DAC Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP Flash with 10-bit ADC and DAC
|
Philips NXP Semiconductors
|