PART |
Description |
Maker |
DS1284 DS1284QN |
Watchdog Timekeeper Chip
|
Dallas Semiconducotr MAXIM - Dallas Semiconductor
|
DS1284 |
Watchdog Timekeeper Chip(看门狗计时器芯片)
|
Maxim Integrated Products, Inc.
|
DS1286 |
Watchdog Timekeeper(看门狗计时器芯片)
|
Maxim Integrated Products, Inc.
|
DS1386 DS1386P |
RAMified Watchdog Timekeeper
|
MAXIM - Dallas Semiconductor
|
DS1386P |
RAMified Watchdog Timekeeper(带完整功能的实时时钟静态RAM)
|
Maxim Integrated Products, Inc.
|
DS1386P-32-120 |
RAMified Watchdog Timekeeper 1 TIMER(S), REAL TIME CLOCK, DMA34
|
Maxim Integrated Products, Inc.
|
HT1381-8DIPLF HT1381-8SOPLF |
Serial Timekeeper Chip
|
Holtek Semiconductor Inc
|
22PCAFB6G 22PCCEB2G 22PCAEB2G 22PCFEB2G 22PCFNB2G |
I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output RAMified Watchdog Timekeeper Y2K-Compliant Watchdog RTC with NV Control Serial Port iButton Holder I2C, 32-Bit Binary Counter Watchdog Clock Front Panel iButton Holder Signal Conditioner 信号调理 I<sup>2</sup>C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output 信号调理 Digital Thermometer and Thermostat 信号调理 Real-Time Clock with NV RAM Control 信号调理 Parallel Port Button Holder 信号调理 1-Wire Network Cables 信号调理 4Meg, Nonvolatile, Y2K-Compliant Timekeeping RAM
|
Infineon Technologies AG Bourns, Inc. Advanced Interconnections, Corp. Air Cost Control Samtec, Inc. Electronic Theatre Controls, Inc.
|
M48T248Y-70PM1 M48T248V-70PM1TR M48T248Y-85PM1TR M |
RESONATR SAW DL 433.81/434.06MHZ FILTER SAW 312.2MHZ REMOTE SMD 5.0 or 3.3V, 1024K TIMEKEEPER SRAM with PHANTOM 5.0 or 3.3V, 1024K TIMEKEEPER SRAM with PHANTOM 5.0.3V024K与幻象计时器的SRAM
|
意法半导 STMicroelectronics N.V.
|
AT91R40008 AT91FR40161 AT91FR40162 AT91FR4042 AT91 |
The AT91R40807 features 136K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. The AT91R40008 features 256K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-scan cells on digital p The AT91M40800 features 8K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. The AT91FR4042 features 256K bytes of on-chip SRAM, 512K bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-sc The AT91FR40162 features 256K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-sca The AT91FR40161 features 136 K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91x40 Series does not feature boundary-scan AT91 ARM Thumb Microcontrollers
|
ATMEL Corporation
|
M48T129V-85PM1 |
3.3V-5V 1 MB (128K X 8) TIMEKEEPER SRAM
|
ST Microelectronics
|