PART |
Description |
Maker |
B72240L0231K100 LS40K750QPK2 B72240L0131K100 B7224 |
Strap Varistors HighE Series
|
EPCOS[EPCOS]
|
MC74HCT4051ADTR2G MC74HCT4052A MC74HCT4052ADG MC74 |
Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
|
ON Semiconductor
|
B60K440 B32K440 B72240B0750K001 B72240B0751K001 B7 |
Block Varistors HighE Series 压敏电阻黑格座系 16-Bit, Pseudo Bipolar, Fully Diff Input, 250kSPS Serial Out, 2.7V to 5.5V Micro Power Sampling ADC 8-SON -40 to 85 压敏电阻黑格座系
|
EPCOS AG
|
TEA1099 TEA1099H |
Speech and handsfree IC with auxiliary inputs/outputs and analog multiplexer
|
NXP Semiconductors
|
TC811 TC811CKW TC811CPL |
3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
ADS1225IRGVR ADS1225IRGVT |
24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator 24位模拟数字转换器与单和双通道差分输入和内部振荡器
|
Analog Devices, Inc.
|
MC74HCT4851A MC74HCT4851ADG MC74HCT4851ADR2G MC74H |
Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
|
ON Semiconductor
|
MAX4532CAP-T MAX4531CWP-T MAX4531CAP-T |
Low-Voltage, CMOS Analog Multiplexers Switches with Enable Inputs and Address Latching
|
MAXIM INTEGRATED PRODUCTS INC
|
HS-302RH |
Analog Switch, SPST, Dual, NOpen, TTL Compliant Inputs, 14 Pins, CMOS, Rad-Hard
|
Intersil
|
74LVTH2245WMX 74LVT2245 74LVT2245MSA 74LVT2245MSAX |
8-Bit Identity/Magnitude Comparators 20-PDIP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Series Resistors in the B Port Outputs Dual 4-to-1 Channel Analog Multiplexer/Demultiplexer with Injection Current Effect Control 16-TSSOP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25ヘ Series Resistors in the B Port Outputs Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AA121SL11 |
SVGA Display Module
|
Mitsubishi
|
AMB-232A AMB-232A-F1 AMB-232AT-F1 |
10.4 TFT SVGA LCD
|
AAEON Technology
|