PART |
Description |
Maker |
AD7610 EVAL-AD7610CB AD7951 AD7610BCPZ1 AD7610BCPZ |
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC AD7610 16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR® ADC
|
AD[Analog Devices]
|
AD7666ACPRL AD7666AST AD7666ASTRL |
16-Bit, 500 kSPS PulSAR® Unipolar ADC with Ref
|
Analog Devices
|
AD7610 AD7610BSTZ-RL AD7610BCPZ1 |
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC 16位,250 kSPS的,单极/双极可编程输入PulSAR系列ADC
|
Analog Devices, Inc.
|
AD1674 AD1674AR AD1674AD AD1674B AD1674JNZ AD1674J |
12-Bit 100 kSPS A/D Converter 12-Bit 100 kSPS A/D Converter(12浣?00kSPS A/D杞???? 12-Bit, 100 kSPS, Complete ADC ; Industry Standard SIP7 and DIP14 Packages; Power Sharing on Outputs; Optional Continuous Short Circuit Protected; 1kVDC & 2kVDC Isolation Options 12-Bit 100 kSPS A/D Converter 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28
|
Analog Devices, Inc. ANALOG DEVICES INC
|
EVAL-AD7610EDZ |
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
|
Analog Devices
|
K4H510438B-UC/LA2 K4H510838B-UC/LA2 K4H510438B-UC/ |
8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-PDIP 512MB的乙芯片DDR SDRAM内存规格 8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-SOIC 8-Bit, 22 kSPS ADC Serial Out, uProcessor Periph./Standalone, Mux option w/SE or differential, 2 Ch. 8-SOIC 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-SSOP 0 to 70 512Mb B-die DDR SDRAM Specification
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. http://
|
AD7762 AD7762BSVZ AD7762BSVZ-REEL EVAL-AD7762EB |
Parallel Interface, 625 kSPS, 24-Bit Sigma-Delta A/D Converter 625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
|
AD[Analog Devices]
|
AD7683 AD7683ARM AD7683ARMRL7 AD7683BRM AD7683BRMR |
100 kSPS 16-BIT PulSAR® A/D Converter in µSOIC/QFN 16-Bit / 100 kSPS PulSAR ADC in MSOP/QFN 16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
AD7923BRU EVAL-AD7923CB2 AD7923 |
Four Wall Header; No. of Contacts:60; Pitch Spacing:0.1"; No. of Rows:2; Gender:Header; Body Material:Glass-filled Polyester; Contact Plating:Nickel; Leaded Process Compatible:No; Mounting Type:Through Hole RoHS Compliant: No 4-Channel 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP 4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP 4-Channel 200 kSPS, 12-Bit A/D Converter with Sequencer in 16-Lead TSSOP
|
ADC AD[Analog Devices]
|
AD7694 AD7694BRM AD7694BRMRL7 AD7694ARMRL7 AD7694A |
250 kSPS 16-BIT PulSAR® A/D Converter in µSOIC 16-BIT, 250 KSPS PULSAR ADC IN MSOP
|
AD[Analog Devices]
|
AD7863ARS-10REEL AD7863AR-10REEL AD7863AR-10REEL7 |
Simultaneous Sampling Dual 175 kSPS 14-Bit A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: Industrial 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7680BRM AD7680ARMZ AD7680BRJZ-REEL7 AD7680BRMZ-R |
100 kSPS, 16-Bit PulSAR® ADC in 6 Lead SOT-23 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
|
Analog Devices, Inc.
|