PART |
Description |
Maker |
PMB2405 PMB2405-F PMB2407 PMB2407-F PMB2307 PMB224 |
GSM Receiver PCN/PCS Receiver
|
SIEMENS[Siemens Semiconductor Group]
|
HEDS5145A04 HEDS5145A02 HEDS5145A01 HEDS5145A06 HE |
LTM9001-AD - 16-Bit IF/Baseband Receiver Subsystem; Package: LGA; No of Pins: 81; Temperature Range: -400°C to 85°C LTM9001-AD - 16-Bit IF/Baseband Receiver Subsystem; Package: LGA; No of Pins: 81; Temperature Range: 0°C to 70°C LTC6412 - 800MHz, 31dB Range An alog-Controlled VGA; Package: 24-Lead (4mm × 4mm) Plastic QFN; Temperature Range: 40°C to 85°C LTM9002-AA - 14-Bit Dual-Channel IF/ Baseband Receiver Subsystem; Package: 108-Lead (15mm × 11.25mm × 2.3mm) LGA; Temperature Range: 0 to 70°C 光电 LTM9002-LA - 14-Bit Dual-Channel IF/ Baseband Receiver Subsystem; Package: 108-Lead (15mm × 11.25mm × 2.3mm) LGA; Temperature Range: –40°C to 85°C 光电
|
Infineon Technologies AG Electronic Theatre Controls, Inc.
|
LTM9004CV-ACPBF |
14-Bit Direct Conversion Receiver Subsystem
|
Linear Technology
|
AD61009 |
Low Power Mixer 3V Receiver IF Subsystem
|
Analog Devices
|
LTM9004 |
14-Bit Direct Conversion Receiver Subsystem
|
Linear Technology
|
LTM9002 |
14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
|
Linear Technology Corporation
|
Q67006-A6072 PMB2402 Q67000-A6072 PMB2402-S |
GSM RECEIVER CIRCUIT From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
LTM9001-AX10 LTM9001IV-AAPBF LTM9001IV-ADPBF LINEA |
16-Bit IF/Baseband Receiver Subsystem; Package: LGA; No of Pins: 81; Temperature Range: -40°C to 85°C SPECIALTY ANALOG CIRCUIT, PBGA81 LTM9001-AD - 16-Bit IF/Baseband Receiver Subsystem; Package: LGA; No of Pins: 81; Temperature Range: -400°C to 85°C SPECIALTY ANALOG CIRCUIT, PBGA81
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MRF18030A |
MRF18030AR3, MRF18030ASR3 GSM/GSM EDGE 1.8 - 1.88 GHz, 30 W, 26 V Lateral N-Channel RF Power MOSFETs
|
Motorola
|
MRF18085B |
MRF18085B, MRF18085BR3, MRF18085BLSR3 GSM/GSM EDGE 1.9-1.99 GHz, 85 W, 26 V Lateral N-Channel RF Power MOSFETs
|
Motorola
|