PART |
Description |
Maker |
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
IS80C286-20 |
High Performance Microprocessor with Memory Management and Protection 16-BIT, 20 MHz, MICROPROCESSOR, PQCC68
|
Intersil, Corp.
|
IS80C286-12 |
High Performance Microprocessor with Memory Management and Protection 16-BIT, 12.5 MHz, MICROPROCESSOR, PQCC68
|
Intersil, Corp.
|
INTEL386 KU80386EXTB-20 KU80386EXTB-25 KU80386EXTC |
Microprocessor, Intel386 core, 33MHz Microprocessor, Intel386 core, 25MHz Microprocessor, Intel386 core, 20MHz Intel386 EX Embedded Microprocessor
|
INTEL[Intel Corporation]
|
79RC32364 79RC32V364100DA 79RC32V364100DAI 79RC32V |
RISController Embedded 32-bit Microprocessor, based on RISCore32300 RISControllerTM Embedded 32-bit Microprocessor RC32364 Advanced 32-Bit RISC Embedded Microprocessor
|
http:// IDT[Integrated Device Technology]
|
HD6417750SVF133 HD6417750VF128 HD6417750SBP200 HD6 |
1.5V; 133MHz; 32-bit RISC microprocessor 1.5V; 128MHz; 32-bit RISC microprocessor 1.95V; 200MHz; 32-bit RISC microprocessor 1.8V; 167MHz; 32-bit RISC microprocessor 1.5V; 200MHz; 32-bit RISC microprocessor
|
Hitachi Semiconductor
|
TMP68000YC-10 TMP68000YC-12 TMP68000N-12 TMP68HC00 |
16-BIT, 10 MHz, MICROPROCESSOR, CPGA68 PGA-68 16-BIT, 12.5 MHz, MICROPROCESSOR, CPGA68 PGA-68 16-BIT, 12.5 MHz, MICROPROCESSOR, PDIP64 SHRINK, DIP-64 16-BIT, 12.5 MHz, MICROPROCESSOR, PDIP64 0.750 INCH, PLASTIC, SDIP-64 16-BIT, 12.5 MHz, MICROPROCESSOR, PQCC68 0.950 INCH, PLASTIC, QFJ-68 16-BIT, 12.5 MHz, MICROPROCESSOR, PDIP64 PLASTIC, DIP-64
|
Advanced Micro Devices, Inc. HIROSE ELECTRIC Co., Ltd.
|
MAX792 MAX792CPE MAX792CSE MAX792EJE MAX792EPE MAX |
Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.62V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.37V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 2.61V. Reset and low-line threshold accuracy -2% Microprocessor Voltage Monitors with Programmable Voltage Detection Dual D-type Positive-Edge-Triggered Flip-Flops With Clear And Preset 14-CFP -55 to 125 微处理器和非挥发性内存监控电 Microprocessor and Non-Volatile Memory Supervisory Circuits From old datasheet system Microprocessor and non-volatile metory supervisory circuit. Reset threshold 3.06V. Reset and low-line threshold accuracy -2%
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
TS68040MFB/C25A TS68040MFB/C33A TS68040MRD/T25A TS |
Third- Generation 32-bit Microprocessor 32-BIT, 33 MHz, MICROPROCESSOR, CPGA179 Third- Generation 32-bit Microprocessor 32-BIT, 25 MHz, MICROPROCESSOR, CQFP196 32-bit MPU, 25-33 MHz
|
E2V TECHNOLOGIES PLC Atmel, Corp. Atmel Corp. ATMEL Corporation
|
SA-1110 27824105 GDS1110BB GDS1110AB |
StrongARM Microprocessor From old datasheet system Intel-R StrongARM SA-1110 Microprocessor
|
Intel Corp. INTEL[Intel Corporation]
|
ADM70508 ADM705ARZ ADM705ARZ-REEL ADM705AN ADM705A |
Low Cost Microprocessor Supervisory Circuit; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Low Cost Microprocessor Supervisory Circuits 3 V, Voltage Monitoring Microprocessor Supervisory Circuit; Package: PDIP; No of Pins: 8; Temperature Range: Industrial Low Cost Microprocessor Supervisory Circuits
|
Analog Devices, Inc. ANALOG DEVICES INC
|