PART |
Description |
Maker |
2-2WI-600S16 2-2WI-600 2-2WI-600S-16 |
1600 V, 730 A, 5.6 kA water cooled A.C.switch 水冷式交流开 Computer Keyboard; No. of Keys:104; Color:Light Gray; Operating Temp. Min:0 C; Output Type:USB; Voltage Rating:5V RoHS Compliant: Yes COMPUTER KEYBOARD RoHS Compliant: Yes WATERCOOLEDA.C.SWITCH WATER COOLED A.C. SWITCH
|
POSEICO SPA PowerSemiconductors POSEICO[Power Semiconductors]
|
MV8703 MV8704 MV8705 MV8706 MV870X |
SUPER BRIGHT T-1 3/4 (5mm) LED LAMP - Water Clear SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear LOW V-1.5K FLASH W/ADC
|
Fairchild Semiconductor Corporation
|
PV7F2Y0NSG-201 PV7F2T0NSG-201 PV7F2Y0NSG-203 PV7F2 |
Vandal and Water Resistant, TEMPERATURE: -20°C to 70°C, CONTACT RESISTANCE: 50mOHM Max. Vandal and Water Resistant, TEMPERATURE: -20掳C to 70掳C, CONTACT RESISTANCE: 50mOHM Max. Vandal and Water Resistant, TEMPERATURE: -20隆?C to 70隆?C, CONTACT RESISTANCE: 50mOHM Max.
|
http:// E-SWITCH
|
AA3022EC-4.5SF AA3022GC-4.5SF AA3022SGC-4.5SF AA30 |
3.0 x 2.2mm single color surface mount LED lamp. High efficiency red (peak wavelength 627 nm). Lens type water clear. 3.0 x 2.2mm single color surface mount LED lamp. Super bright green (peak wavelength 565 nm). Lens type water clear. 3.0 x 2.2mm single color surface mount LED lamp. Yellow (peak wavelength 590 nm). Lens type water clear.
|
Kingbright Electronic
|
MV830X MV8306 MV8305 MV8304 MV8303 MV8305A |
Super Yellow Super Bright T-1 3/4 (5 mm) LED Lamp - Water Clear SUPER BRIGHT T-1 3/4 (5mm) LED LAMP - Water Clear
|
FAIRCHILD[Fairchild Semiconductor]
|
AN1950 MPXM2010D MPXM2010GS |
Water Level Monitoring
|
Freescale Semiconductor, Inc
|
FYL-10013LUYC1A |
Water clear led
|
Ningbo Foryard Optoelec...
|
FYL-10013LURC1A |
Water clear led
|
Ningbo Foryard Optoelec...
|
FYL-10013SUYC1A-15 |
Water clear led
|
Ningbo Foryard Optoelec...
|
15-000100 15-000050 |
WATER RESISTANT SCREEN CAP
|
CONEC Elektronische Bauelemente GmbH
|
T6B70BFG |
Interface IC for Hot Water Dispensers
|
Toshiba Semiconductor
|
STA8121 |
Dust and Water proof structure
|
TOKO, Inc
|