PART |
Description |
Maker |
MC68HC908AB32 MC68HC908AB32CFU |
HCMOS Microcontroller Unit HCMOS微控制器 HCMOS Microcontroller Unit 8-BIT, FLASH, 8.4 MHz, MICROCONTROLLER, PQFP64
|
Motorola Mobility Holdings, Inc.
|
MC912DG128ACPV MC912DG128AMPV MC912DG128AVPV |
The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit
|
Motorola, Inc
|
UPD703111GM-13-UEU UPD703111GM-10-UEU UPD703081 UP |
32-bit RISC microcontroller (V850E/ME2) 32-bit microcontroller incorporating controller for driving automobile meter 100-pin general-purpose 32-bit single-chip microcontroller (V850ES/SG2) 100-pin version with on-chip IEBus 32-bit SC microcontroller (V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1) 100-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SG2) 100pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1 ) Ultra-low-voltage 32-bit RISC microcontroller 144-pin general-purpose 32-bit single-chip microcontroller (V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1) 144-pin IEBus inclusion 32-bit single-chip microcontroller(V850ES/SJ2) 144-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SJ2) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1 ) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1 ) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1) 32-bit RISC single-chip microcontroller(V850/SB1:Low-noise Enhanced version ) 32-bit RISC single-chip microcontroller(V850/SB2:Low-noise Enhanced version) UPD703229Y Series 32-bit single-chip microcontroller with V850ES core 144pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1 ) 100-pin version with on-chip IEBus 32-bit SC microcontroller(V850ES/SG2) 100-pin version with on-chip CAN 32-bit single-chip microcontroller (V850ES/SG2) 32-bit RISC single-chip microcontroller Inclusion delta-sigma modulation A/D
|
NEC
|
AD5520JSTZ-REEL AD5520JST-REEL |
Per Pin Parametric Measurement Unit/Source Measure Unit Per Pin Parametric Measurement Unit/Source Measure Unit
|
Analog Devices
|
MC68HC08AZ32 MC68HC08AZ60 MC68HC08AZ0 MC68HC08AZ16 |
HCMOS Microcontroller Unit
|
Motorola, Inc
|
MC9S12A256CPV MC9S12A256MPV MC9S12DG256CPV MC9S12D |
MICROCONTROLLER UNIT (MCU)
|
FREESCALE[Freescale Semiconductor, Inc]
|
MC68HC705X4 |
HCMOS Microcontroller Unit
|
Freescale Semiconductor...
|
MC68HC08BD24 |
HCMOS Microcontroller Unit
|
Motorola
|
MC68HC908AZ60A MC68HC908AS60A |
HCMOS Microcontroller Unit
|
Digital DNA Motorola, Inc
|
MC9S12DP512CPV MC9S12A512 MC9S12DP512CFU MC9S12DP5 |
Microcontroller Unit (MCU)
|
Freescale (Motorola)
|
MC68HC05P9A MC68HC05P9AVP MC68HC05P9ACDW MC68HC05P |
HCMOS Microcontroller Unit
|
FREESCALE[Freescale Semiconductor, Inc]
|