PART |
Description |
Maker |
TE28F160B3T90 28F008B3 28F016B3 28F032B3 28F320B3 |
(TE28F Series) SMART 3 ADVANCED BOOT BLOCK 4-8-16-32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 3V PROM, 110 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 2.7V PROM, 90 ns, PDSO48 RES 10K-OHM 2% 0.25W 100PPM MET-FILM AXIAL TR-13 R-MIL-PRF-39017 智能高级启动34 - - 6 - 2 - Mbit闪存家庭 TVS UNI-DIR 70V 400W SMA 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 2.7V PROM, 90 ns, PDSO40 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 16 FLASH 2.7V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 32 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK, 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE, 8-MBIT (1024K x 8), 16-MBIT (2056K x 8) FLASH MEMORY FAMILY
|
TE Connectivity, Ltd. Intel, Corp. Intel Corp. Intel Corporation
|
AM29F032B-75 AM29F032B-90EF |
32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:32Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 4M X 8 FLASH 5V PROM, 90 ns, PDSO40
|
Spansion, Inc.
|
W39V040FA W39V040FAT W39V040FAP W39V040FAQ |
3.3-Volt Flash NVM > Flash> FWH/LPC Flash Memory 512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
|
Winbond Electronics WINBOND[Winbond]
|
CAT28F102 CAT28F102T14I-45T CAT28F102PI-45T CAT28F |
90ns 1M-bit CMOS flash memory 70ns 1M-bit CMOS flash memory 55ns 1M-bit CMOS flash memory 45ns 1M-bit CMOS flash memory 1 Megabit CMOS Flash Memory
|
Catalyst Semiconductor http://
|
AT25DF081-UUN-T AT25DF081-MHN-Y AT25DF081-MHN-T AT |
4 Mbit Uniform Sector, Serial Flash Memory 1M X 8 FLASH 1.8V PROM, PDSO8 8-megabit 1.65-volt Minimum SPI Serial Flash Memory
|
Atmel, Corp. 聚兴科技股份有限公司 ATMEL Corporation
|
ULQ2801A ULQ2802A ULQ2803A ULQ2804A ULQ2805A |
Flash - NOR IC; Memory Type:Flash; Access Time, Tacc:100ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:56-TSOP; Memory Configuration:128K x 16; Memory Size:256MB; NOR Flash Type:Page Mode Access RoHS Compliant: Yes 八达林顿阵列 EIGHT DARLINGTON ARRAYS
|
STMicroelectronics N.V. Allegro MicroSystems STMICROELECTRONICS[STMicroelectronics]
|
AT91FR40162SB-CU AT91FR40162SB AT91FR40162SBPRE AT |
Flash memory in a single compact 121-ball BGA package 1024K Words 16-bit Flash Memory (2M bytes)
|
ATMEL Corporation
|
MB84VA2003-10 MB84VA20 MB84VA2002 MB84VA2002-10 MB |
MCP (Multi-Chip Package) FLASH MEMORY & SRAM 8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
EN29LV641H EN29LV641L EN29LV641L-70TCP EN29LV641L- |
64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
|
Eon Silicon Solution Inc.
|
AM41DL16X4D AM41DL1614DT70IS SPANSIONLLC-AM41DL162 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA69 Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
http:// ADVANCED MICRO DEVICES INC SPANSION LLC Advanced Micro Devices, Inc.
|
CAT28F020HI-12T CAT28F020 CAT28F020HI-90T CAT28F02 |
2 Megabit CMOS Flash Memory 2 Mb CMOS Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDSO32
|
ON Semiconductor
|