PART |
Description |
Maker |
ISO4-20MA-P |
Two wires 4-20mA Isolation Amplifier
|
Shenzhen Sunyuan
|
A63L0636E-4.2F A63L0636 A63L0636E A63L0636E-2.6 A6 |
DIODE ZENER SINGLE 500mW 4.3Vz 20mA-Izt 0.05 5uA-Ir 1Vr DO35-GLASS 5K/AMMO 100万米6位同步高的Burst计数器和流水线数据输出高速SRAM 1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 100万米36位同步高的Burst计数器和流水线数据输出高速SRAM ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% DIODE ZENER SINGLE 500mW 5.6Vz 20mA-Izt 0.05 5uA-Ir 3Vr DO35-GLASS 5K/REEL
|
AMIC Technology, Corp. http:// AMIC Technology Corporation AMICC[AMIC Technology]
|
EDS-220-Z-LA-I EDS-260-Z-LA-I EDS-370-Z-LA-I EDS-2 |
POSITION, LINEAR SENSOR-INDUCTIVE, 220mm, 4-20mA, CYLINDRICAL POSITION, LINEAR SENSOR-INDUCTIVE, 260mm, 4-20mA, CYLINDRICAL POSITION, LINEAR SENSOR-INDUCTIVE, 370mm, 4-20mA, CYLINDRICAL POSITION, LINEAR SENSOR-INDUCTIVE, 250mm, 4-20mA, CYLINDRICAL POSITION, LINEAR SENSOR-INDUCTIVE, 300mm, 4-20mA, CYLINDRICAL POSITION, LINEAR SENSOR-INDUCTIVE, 100mm, 4-20mA, CYLINDRICAL
|
Micro-Epsilon Group
|
LIA100 LIA100P LIA100PTR |
Linear Isolation Amplifier ISOLATION AMPLIFIER, 3750 V ISOLATION-MIN, 40 kHz BAND WIDTH, PDIP16
|
Clare Inc. CLARE[Clare, Inc.]
|
2SC4399 |
ECONOLINE: RUZ - Dual Output from a Single Input Rail- Input/Output Isolation 1kVDC- Output/Output Isolation 1kVDC- Power Sharing on Outputs- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Efficiency to 85% 高频通用放大器应 High-Frequency General-Purpose Amp Applications
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device Toshiba Semiconductor
|
SA8025A SA8025ADK |
Low-voltage 1.8GHz fractional-N synthesizer ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 低电.8GHz的分数N频率合成
|
NXP Semiconductors N.V.
|
E1008 E512 E530 E522 E531 E533 E513 |
Green, low profile surface mount LED. Lens translucent green. Luminous intensity at 20mA 3.2mcd (min), 8.0mcd (max). Typ.forward voltage at 20mA 2.20V. High efficiency red, low profile surface mount LED. Lens translucent red. Luminous intensity at 20mA 5.0mcd (min), 12.0mcd (max). Typ.forward voltage at 20mA 2.00V. Ultra bright red, low profile surface mount LED. Lens translucent red. Luminous intensity at 20mA 40.0mcd (min), 70.0mcd (max). Typ.forward voltage at 20mA 1.85V. Yellow, low profile surface mount LED. Lens translucent yellow. Luminous intensity at 20mA 3.2mcd (min), 8.0mcd (max). Typ.forward voltage at 20mA 2.10V. SMT Bright White LEDs
|
GILWAY[Gilway Technical Lamp]
|
BYV27 BYV27-50 BYV27-100 BYV27-150 BYV27-200 BYV27 |
Ultra Fast Silicon Mesa Rectifiers 超快速整流器硅梅 ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% ECONOLINE: RQS & RQD - 隔离的直千伏,国际标准的SMD封装:UL94V型封装材料,环形磁场,效率达1% ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. Vishay Telefunken VISAY[Vishay Siliconix]
|
IL130-1-028X IL130-1-020X IL130-1-024X IL130-1-036 |
Admiral Class - Lead Wires
|
Ensign Corporation
|
IL002-1-016X IL002-2-016X IL002-2-028X IL002-2-010 |
Admiral Class - Lead Wires
|
Ensign Corporation
|