PART |
Description |
Maker |
M81016FP M81016KP M81016P M81016P09 |
81016 SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, INVERTED OUTPUT, PDSO20 OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
|
Mitsubishi Electric Semiconductor Mitsubishi Electric Sem...
|
ACS374DMSR ACS374D ACS374HMSR FN3997 ACS374MS ACS3 |
Radiation Hardened Octal D Flip-Flop/ Three-State Radiation Hardened Octal D Flip-Flop, Three-State From old datasheet system Radiation Hardened Octal D Flip-Flop Three-State D Flip Flop, Octal, Tri-State, Rad-Hard, Advanced Logic, CMOS
|
INTERSIL[Intersil Corporation]
|
AT27C040 AT27C040-12JC AT27C040-12JI AT27C040-90PI |
Octal Transparent D-Type Latch With 3-State Output 20-VQFN -40 to 125 512K X 8 OTPROM, 120 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SOIC -40 to 85 512K X 8 OTPROM, 120 ns, PDSO32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 512K X 8 OTPROM, 90 ns, PDIP32 4-Megabit 512K x 8 OTP EPROM 512K X 8 OTPROM, 150 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SO -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
74ABT273A 74ABT273AD 74ABT273ADB 74ABT273AN 74ABT2 |
Octal D-type flip-flop D FLIP-FLOP, PDSO20 From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74ABT377 74ABT377CMSA 74ABT377CMTC 74ABT377CSC 74A |
From old datasheet system Octal D-Type Flip-Flop with Clock Enable Audio Click-Pop Suppressor ABT SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MC74AC374 MC74AC374DTR2 MC74AC374DTR2G MC74AC374DW |
Octal D-Type Flip-Flop with 3-State Outputs; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 AC SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal D−Type Flip−Flop with 3−State Outputs
|
ONSEMI[ON Semiconductor]
|
74LVX273MTC 74LVX273SJ 74LVX273 74LVX273M 74LVX273 |
Low Voltage Octal D-Type Flip-Flop; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel LV/LV-A/LVX/H SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVC374ABQ |
Octal D-type flip-flop with 5 V tolerant inputs-outputs; positive edge-trigger; 3-state LVC/LCX/Z SERIES, 8-BIT DRIVER, TRUE OUTPUT, PQCC20 74LVC374A; Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
|
NXP Semiconductors N.V. Philips
|
HD74HCT74A HD74HCT74AT HD74HCT74AFP |
Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|TSSOP|14PIN|PLASTIC FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|SOP|14PIN|PLASTIC
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
CD40174BMS FN3359 |
CMOS Hex ‘D?Type Flip-Flop CMOS Hex ‘D’-Type Flip-Flop From old datasheet system CMOS Hex ??Type Flip-Flop CMOS Hex D-Type Flip-Flop D-Type Flip Flop, Hex, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|