PART |
Description |
Maker |
HT1380A HT1381A |
Serial Timekeeper Chip
|
Holtek Semiconductor Inc
|
M41T56 M41T56M6TR M41T56M6E M41T56MH6TR M41T56M6F |
512 bit 64b x8 Serial Access TIMEKEEPER SRAM 512 bit (64 bit x8) Serial Access TIMEKEEPER SRAM 512位(64位8)串行SRAM的访问计时器 512 Bit (64B X8) Serial Access TIMEKEEPER SRAM
|
意法半导 STMicroelectronics N.V. ST Microelectronics
|
MKI41T56 MKI41T56N00 MKI41T56N00TR MKI41T56S00 MKI |
512 bit (64b x8) Serial Access TIMEKEEPER SRAM From old datasheet system 512 bit (64b x8) Serial Access TIMEKEEPER ? SRAM 512 bit 64b x8 Serial Access TIMEKEEPER SRAM 5124B条x8串行SRAM的访问计时器
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导 STMicroelectronics N.V.
|
M41T00 |
SERIAL ACCESS TIMEKEEPER
|
ST Microelectronics
|
DS1283 |
Watchdog Timekeeper Chip
|
Dallas Semiconductor
|
M48T201Y-70MH1E M48T201Y-70MH1F M48T201Y-70MH1TR M |
3.3V-5V TIMEKEEPER Supervisor 3.3V-5V TIMEKEEPER CONTROLLER
|
ST Microelectronics
|
M48T129V-70PM1 M48T129V-85PM1 M48T129Y-70PM1 M48T1 |
3.3V-5V 1Mb (128K x 8) Timekeeper SRAM(1Mb TIMERKEEPEER SRAM) 5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
|
意法半导 STMicroelectronics
|
M48T18-150PC1 M48T18-150MH1 M48T18-150MH1TR M48T18 |
64 Kbit 8Kb x 8 TIMEKEEPER SRAM 64千位kB × 8计时器的SRAM High Q MLC; Capacitor Type:High Q; Capacitance:1000pF; Capacitance Tolerance: /- 10%; Voltage Rating:1500VDC; Capacitor Dielectric Material:Multilayer Ceramic; Termination:SMD; Dielectric Characteristic:C0G/NP0; Series:HQCC RoHS Compliant: Yes 64K (8K X 8) TIMEKEEPER SRAM
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
M24256-W M24128-W M24128-MN5T M24128-MN6T M24128-M |
256KBIT AND 128KBIT SERIAL I²C BUS EEPROM WITHOUT CHIP ENABLE LINES 256KBIT AND 128KBIT SERIAL I²C BUS EEPROM WITHOUT CHIP ENABLE LINES 256/128 Kbit Serial I2C Bus EEPROM Without Chip Enable Lines 256KBIT AND 128KBIT SERIAL I2C BUS EEPROM WITHOUT CHIP ENABLE LINES 256/128 Kbit Serial I?C Bus EEPROM Without Chip Enable Lines RECTIFIER SCHOTTKY DUAL 16A 60V 250A-ifsm 0.7V-vf 0.5mA-ir TO-220AB 50/TUBE RECTIFIER SCHOTTKY SINGLE 16A 60V 275A-ifsm 0.75V-vf 1mA-ir TO220AC 50/TUBE 256/128 Kbit Serial IC Bus EEPROM Without Chip Enable Lines RECTIFIER SCHOTTKY DUAL 16A 45V 250A-ifsm 0.55V-vf 0.5mA-ir TO-220AB 50/TUBE RECTIFIER SCHOTTKY SINGLE 16A 45V 275A-ifsm 0.57V-vf 1mA-ir TO220AC 50/TUBE 32K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 256/128 Kbit Serial I?? Bus EEPROM Without Chip Enable Lines
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
HDMP-1638 |
Gigabit Ethernet Transceiver Chip with Dual Serial I/O and Differential PECL Clock Inputs(带双路串行I/O和差分PECL时钟输入的千兆位以太网收发器) HDMP-1638 · 1.25 GBd Transceiver Chip with Dual Serial I/O and Differential PECL Clock Inputs for GbE
|
Agilent (Hewlett-Packard)
|
CAT24AC128KE-1.8TE13 CAT24AC128UE-1.8TE13 CAT24AC1 |
16K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
|
Catalyst Semiconductor http://
|