PART |
Description |
Maker |
BR3500W BR3501W BR3502W BR3504W BR3510W BR3506W BR |
SILICON BRIDGE RECTIFIERS ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost Effective- Efficiency to 85% 硅桥式整流器
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
MP62 MP88 MP605 MP610 MP86 MP61 MP81 MP84 MP82 BR6 |
ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost BRIDGE RECTIFIERS
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers http:// List of Unclassifed Man...
|
REC2.2-2405DUI REC22-33DUI REC2.2-3.33.3DUI REC2.2 |
ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 MICRO 31 SKT 18" RBW JACKS ECONOLINE -直流/直流-转炉
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
BR66 BR62 BR68 BR605 BR61 BR610 BR64 |
SINGLE-PHASE SILICON BRIDGE RECTIFIER 6 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost
|
RECTRON[Rectron Semiconductor]
|
BR66 BR68 BR605 BR61 BR610 BR64 BR62 |
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS ROM Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 15V; Power: 1W; Micro Size SIP4 Package; 3kVDC SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS 单相6.0放大器桥式整流器
|
FORMOSA[Formosa MS] 美丽微半导体有限公司 Formosa Microsemi Co., Ltd.
|
MDT10C23 MDT10P23 |
8 Bit Micro Controller Fully CMOS static design, 8-bit data bus,On chip ROM size : 2 K words
|
Micon Design Technology ETC List of Unclassifed Manufacturers
|
REC3-2405SR REC3-1205SR REC3-0505SR REC3-0505DR RE |
Single Output LDO, 3.0A, Fixed(5.0V), Reverse Current Protection, Thermal Shutdown 3-TO-220 0 to 70 ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE - DC/DC-Converter
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
N80930AD2 |
Universal Serial Bus Microcontroller With Burn-in. ROM Size 0, RAM Size 1 Kbyte, 6 or 12 MHZ Crystal Operation
|
INTEL
|
ACT4436-DFI ACT4436-DF ACT4436 ACT4436-DI ACT4436- |
ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% 436双收发MIL-STD-1553/1760 ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760 436双收发MIL-STD-1553/1760
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
DS83C520-MNL |
EPROM/ROM High-Speed Micro
|
Dallas Semiconducotr
|
ACT8500-T ACT8500-S ACT8500-I ACT8500-C ACT8500 AC |
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85%
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc.
|