PART |
Description |
Maker |
BCM5650 |
STRATAXGS BCM5650 INTEGRATED MULTI-LAYER SWITCH
|
Broadcom Corp.
|
NTE1056 NTE1449 NTE1453 NTE1862 NTE347 |
Integrated Circuit FM Stereo Multiplex Demodulator Integrated Circuit Low Noise Eqalizer Amp Integrated Circuit 2−Channel, Low Noise, Equalizier Amp Integrated Circuit TV Vertrical Deflection Circuit Silicon NPN Transistor
|
NTE[NTE Electronics]
|
IRIS40131 IRIS4013K IRIS4013 IRISMPS3 |
INTEGRATED SWITCHER 多功能开 120W Output AC-DC Integrated Switchers in a TO-220 (5-Leads) package 120W Output AC-DC Integrated Switchers in a TO-262 (5-Lead) package AC-DC flyback power supply, IRIS4013(K), universal input, 15VOUT, 4A IOUT
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRIS4011K IRIS4011 2189 IRISMPS2 |
INTEGRATED SWITCHER 多功能开 AC-DC flyback power supply, IRIS4011(K), universal input, 12VOUT, 2A IOUT 60W Output AC-DC Integrated Switchers in a TO-262 (5-Lead) package 60W Output AC-DC Integrated Switchers in a TO-220 (5-Leads) package From old datasheet system
|
International Rectifier, Corp. IRF[International Rectifier] http://
|
9LPRS355BGLF 9LPRS355BGLFT |
64-pin CK505 w/Fully integrated Voltage Regulator Integrated Series Resistor
|
Integrated Device Technology
|
MRFIC1817 |
1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
|
MOTOROLA[Motorola, Inc]
|
BT8370 BT8375 BT8376 BT8375KPF |
single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces Fully Integrated T1/E1 Framer and Line Interface
|
Conexant Systems, Inc.
|
MWA02011L MWA0204 MWA0270 MWA0211L |
I(cc): 40mA; P(in): -16 dB; V(cc): 6V; monolithic microwave integrated circuit MONOLITHIC MICROWAVE INTEGRATED CIRCUIT 3000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER (MWA02011L / MWA0204 / MWA0270) MONOLITHIC MICROWAVE INTEGRATED CIRCUIT
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
MCF5274 MCF5275 MCF5275LCVM166 |
V2 ColdFire® Integrated Microprocessor MCF5275 Integrated Microprocessor Family Hardware Specification
|
Freescale (Motorola)
|
E-STLC2416 STLC2416 |
BLUETOOTH (TM) BASEBAND WITH INTEGRATED FLASH A free-form text description of the package type. BLUETOOTH BASEBAND WITH INTEGRATED FLASH BLUETOOTH BASEBAND WITH INTEGRATED FLASH
|
SiliconTech, Inc. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MCF5470 MCF5471 MCF5472 MCF5473 MCF5474 MCF5475 |
Integrated ColdFire Version 4 Microcontroller Integrated V4e ColdFire Microprocessor
|
Freescale (Motorola)
|