PART |
Description |
Maker |
AT45DB041B-CU AT45DB041B-SU AT45DB041B-CNU AT45DB0 |
4-megabit 2.5-volt or 2.7-volt DataFlash 4M X 1 FLASH 2.7V PROM, PBGA14 4-megabit 2.5-volt or 2.7-volt DataFlash 4M X 1 FLASH 2.7V PROM, PDSO8
|
Atmel Corp. PROM Atmel, Corp.
|
AM29LV160 AM29LV160BB70RSEB AM29LV160BB70REEB AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 6800uF 100WV 20% *NO Pb* 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PDSO48 VARISTOR METAL-OXIDE 150V RAD.3 10MM-DIA BULK 2M X 8 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC http://
|
AT26DF041 AT26DF041-MU AT26DF041-SU |
4-MEGABIT 3.0-VOLT ONLY OR 2.7-VOLT ONLY SERIAL FIRMWARE DATAFLASH-R
|
ATMEL Corporation
|
AM28F010A AM28F010A-120EC AM28F010A-120ECB AM28F01 |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms 0.5MM, ZIF, SMT, 42 POSITION, EMBOSS TAPE T&R RoHS Compliant: Yes CAP 100PF 1500V 20% NP0(C0G) SMD-1808 TR-13 PLATED-NI/SN 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位28亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 200 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 120 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 150 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PDSO32
|
Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
AT45DB321B AT45DB321B-CC AT45DB321B-CI AT45DB321B- |
From old datasheet system 32M bit, 2.7-Volt Only Serial Interface Flash with two 528-Byte SRAM Buffers 32-megabit 2.7-volt Only DataFlash
|
ATMEL[ATMEL Corporation]
|
AM29LV128LH103EI AM29LV128LH103FI AM29LV128LH103PC |
128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 100ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 110ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 120ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 90ns
|
Advanced Micro Devices
|
AT45DB011-JC 45DB011B AT45DB011-XC AT45DB011-XI AT |
1-Megabit 2.7-volt Only Serial DataFlash 1-Megabit 2.7-volt Only Serial DataFlash 1M X 1 FLASH 2.7V PROM, PDSO14 1-Megabit 2.7-volt Only Serial DataFlash 1M X 1 FLASH 2.7V PROM, PQCC32 1-Megabit 2.7-volt Only Serial DataFlash 1M X 1 FLASH 2.7V PROM, PDSO8
|
ATMEL Corporation Atmel Corp. Atmel, Corp. http://
|
AT49F080 AT49F080-12CC AT49F080-12CI AT49F080-12RC |
8-Megabit 1M x 8 5-volt Only Flash Memory 1M X 8 FLASH 5V PROM, 120 ns, PDSO40 8-Megabit (1M x 8) 5-volt ohly flash memory, 50mA active current, 0.3mA standbgy current
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AT49SV802A-90TI AT49SV802A-90CU |
8-megabit 1.8-volt Only Flash Memory 8兆位1.8伏,只有闪存 8-megabit 1.8-volt Only Flash Memory 512K X 16 FLASH 1.8V PROM, 90 ns, PBGA48
|
Atmel, Corp. ATMEL Corporation
|
AT49F8192A-70TI AT49F8192A AT49F8192A-90TI AT49F81 |
AT49F008A(T)/8192A(T) [Updated 11/02. 18 Pages] 8M bit. 5-Volt Read and 5-Volt Byte-Write Flash 8-megabit (1M x 8/512K x 16) Flash Memory
|
ATMEL[ATMEL Corporation]
|
S29GL032A100BFIR10 S29GL032A100TFIR10 S29GL032A100 |
64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology 64兆,32兆和16兆位3.0伏只页面模式闪存,含00纳米MirrorBit工艺技
|
Spansion Inc. Spansion, Inc.
|