PART |
Description |
Maker |
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
AD1845JP AD1845JP-REEL AD1845 |
Parallel-Port 16-Bit SoundPort Stereo Codec(并行16位立体声编码解码 Parallel-Port 16-Bit SoundPort Stereo Codec(并行6位立体声编码解码 Parallel-Port 16-Bit SoundPort Stereo Codec SPECIALTY CONSUMER CIRCUIT, PQCC68
|
Analog Devices, Inc.
|
AD7655ASTRL |
Low Cost 4-Channel 1 MSPS 16-Bit ADC 4-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQFP48
|
Analog Devices, Inc.
|
MP7643AS |
4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port PARALLEL, 8 BITS INPUT LOADING, 0.15 us SETTLING TIME, 8-BIT DAC, PDSO28
|
Exar, Corp.
|
ST1284 ST1284-01 ST1284-01A8 ST1284-01A8RL ST1284- |
PARALLEL PORT SINGLE TERMINATION NETWORK WITH /-15KV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 【15KV ESD PROTECTION RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 并行端口终端网络与单15kV ESD保护 PARALLEL PORT SINGLE TERMINATION NETWORK WITH 5kV ESD PROTECTION 并行端口终端网络与单5kV ESD保护
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
MAX5363 MAX5363EUT-T MAX5364 MAX5364EUT-T MAX5365 |
Low-Cost, Low-Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO6 Low-Cost Low-Power 6-Bit DACs with 3-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX110-MAX111 MAX111 MAX111ACAP MAX111ACPE MAX111A |
Low-Cost, 2-Channel, ±14-Bit Serial ADCs Low-Cost / 2-Channel / 14-Bit Serial ADCs Low-Cost, 2-Channel, 14-Bit Serial ADCs Low-Cost 2-Channel 14-Bit Serial ADCs From old datasheet system Low-Cost, 2-Channel, 【14-Bit Serial ADCs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX110-MAX111 MAX110BC/D MAX110BCAP MAX110BCPE MAX |
Low-Cost, 2-Channel, 4-Bit Serial ADCs 2-CH 14-BIT DELTA-SIGMA ADC, SERIAL ACCESS, UUC19 Low-Cost, 2-Channel, 4-Bit Serial ADCs 2-CH 14-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDIP16 Low-Cost, 2-Channel, 14-Bit Serial ADCs Low-Cost / 2-Channel / 14-Bit Serial ADCs Low-Cost, 2-Channel, ±14-Bit Serial ADCs
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
HFBR-772BHWZ HFBR-772BEWZ HFBR-772BEPWZ HFBR-772BW |
Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
|
AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|
MAX503CWGT |
5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC PARALLEL, 8 BITS INPUT LOADING, 25 us SETTLING TIME, 10-BIT DAC, PDSO24
|
Maxim Integrated Products, Inc.
|
AD725ARZ-RL |
Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
|
Analog Devices
|
5962H9475407QYC 5962H9475407QYA 5962H9475405VLA 59 |
Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Fuse-Programmable PLD 保险丝,可编程的PLD Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 保险丝,可编程的PLD
|
Harwin PLC
|