PART |
Description |
Maker |
RDED-9P RDED-9P4-40 RDED-9PE1_M2.6 RDED-9PLN RDED- |
RIGHT-ANGLE TYPE CONNECTORS Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:25pF/ft; Outer Diameter:0.177" RoHS Compliant: Yes 直角型连接器 Sound/Security Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:31pF/ft RoHS Compliant: Yes 直角型连接器 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:20pF/ft; Conductor Material:Copper RoHS Compliant: Yes 直角型连接器 RIGHT-ANGLE TYPE CONNECTORS 直角型连接器 DIODE ZENER SINGLE 200mW 15Vz 5mA-Izt 0.0612 0.1uA-Ir 10.5 SOT-323 3K/REEL 直角型连接器 O/C EHC210 45 TO DB25 M, 3 Sound/Security Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:25pF/ft RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes RS-232 CABLE, DCE DB25 FEMALE TO SMARTSERIAL-10F ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% RS-232 CABLE, DTE DB25 MALE TO SMART SERIAL 10FT Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:25pF/ft; Conductor Material:Copper RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:6; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Shielding Coverage:1% RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Approval Categories:UL Listed RoHS Compliant: Yes Belden Twisted Pair Riser Cable, Shielded, Wire Size: 22 AWG, Number of Pairs: 2, Length: 1000 feet, Conductor Material: Bare Copper Stranded, Shielding: Beldfoil, Jacket: PVC Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes
|
HIROSE ELECTRIC Co., Ltd. http:// Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
BYW97 BYW97F BYW97G BYW97_3 |
Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Conductor Material:Copper RoHS Compliant: Yes Fast soft-recovery controlled avalanche rectifiers From old datasheet system Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material
|
NXP Semiconductors Philips Semiconductors
|
TC07-11EWA TC07-11GWA TC07-11SRWA TC07-11YWA TA07- |
Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes 18MM (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] Kingbright Electronic
|
238051801 |
Sound, Alarm & Security Cable
|
General Cable Technologies Corporation
|
238256001 |
Sound, Alarm & Security Cable
|
General Cable Technologies Corporation
|
05482 |
Sound, Alarm & Security Cable
|
General Cable Technolog...
|
C6312 |
2C 18 7/.0152 BC TC PVC UNJACKETED Sound, Alarm & Security Cable
|
General Cable Technologies Corporation
|
E2033S |
3C 18 AWG (7/26)BC SR-PVC, OAS, PVC SOUND, ALARM AND SECURITY CABLE
|
General Cable Technologies Corporation
|
E2054S |
4C 14 19/0.0147 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
|
General Cable Technologies Corporation
|
E1003S |
3C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
|
General Cable Technologies Corporation
|
E1001S |
4C 22 SOLID BC SR-PVC PVC Sound, Alarm & Security Cable
|
General Cable Technologies Corporation
|
C4408ST |
2C 22 7/.0096 BC PVC NS PVC Sound, Alarm & Security Cable
|
General Cable Technologies Corporation
|