PART |
Description |
Maker |
MX23L12810 MX23L12810MC-10 MX23L12810MC-12 MX23L12 |
128M-BIT (8M x 16) MASK ROM (SOP ONLY)
|
Macronix International
|
MX23L12811 MX23L12811MC-10 MX23L12811MC-12 MX23L12 |
128M-BIT (8M x 16) MASK ROM WITH PAGE MODE(SOP ONLY)
|
Macronix International Co., Ltd.
|
MX23L12811 MX23L12811MC-12 23L12811-10 23L12811-12 |
128M-BIT (8M x 16) MASK ROM WITH PAGE MODE(SOP ONLY)
|
MXIC MCNIX[Macronix International]
|
UPD23C128000BL UPD23C128000BLGX UPD23C128000BLGX-X |
128M-BIT MASK-PROGRAMMABLE ROM 16M-WORD BY 8-BIT (BYTE MODE) / 8M-WORD BY 16-BIT (WORD MODE)
|
NEC
|
K3P9VU4000A-GC |
128M-Bit (8Mx16) CMOS MASK ROM Data Sheet
|
Samsung Electronic
|
MX23L12854MC-20G |
128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
|
MACRONIX INTERNATIONAL CO LTD
|
HN62334BTT-15 |
524288-word x 8-bit CMOS Mask Programmable ROM
|
Hitachi,Ltd.
|
PD23C16000W |
16M-Bit Mask-Programmable ROM(16M可擦写可编程ROM) 1,600位掩模可编程ROM,600位可擦写可编程光盘)
|
NEC, Corp.
|
MX23C4000 MX23C4000MC-10 MX23C4000MC-12 MX23C4000M |
4M-BIT MASK ROM (8 BIT OUTPUT) 512K X 8 MASK PROM, 150 ns, PDSO32 4M-BIT MASK ROM (8 BIT OUTPUT) 512K X 8 MASK PROM, 90 ns, PDIP32
|
Macronix International Co., Ltd.
|
A23L1616 A23L16161 A23L16161V A23L16162 A23L16162V |
70ns 2M x 16/4M x 8bit CMOS MASK ROM 100ns 2M x 16/4M x 8bit CMOS MASK ROM Power Resistor; Series:MK; Resistance:20ohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C; Terminal Type:Radial Leaded 2M X 16 / 4M X 8 BIT CMOS MASK ROM 200万16 / 4米8位CMOS掩膜ROM
|
AMICC[AMIC Technology] AMIC Technology Corporation AMIC Technology, Corp.
|
C505CAROM/ROMLESSTYPES SAK-C505A-2RM SAB-C505A-4RM |
8-bit Microcontroller with Complete CAN Capability 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (16MHz)
|
Infineon
|