PART |
Description |
Maker |
88F6192 |
SoC with Sheeva Technology Kirkwood Series High-performance single-issue CPU
|
http:// Maxwell Technologies
|
MX69F162 MX69F164C3BTXBI-90 MX69F162C3BB MX69F162C |
16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
|
MXIC MCNIX[Macronix International]
|
CS5521/22/23/24/28 |
2- or 4-Channel 16-Bit and 24-Bit Buffered Delta Sigma Multi-Range ADC
|
Cirrus Logic
|
MAX199BMYI MAX199BEWI MAX199BENI MAX199BEAI MAX199 |
Multi-Range (V, V, 4V, 2V), 5V Supply, 12-Bit DAS with 8 4 Bus Interface Multi-Range (【4V, 【2V, 4V, 2V), 5V Supply, 12-Bit DAS with 8 4 Bus Interface From old datasheet system Multi-Range (4V 2V 4V 2V) 5V Supply 12-Bit DAS with 8 4 Bus Interface Multi-Range (±4V, ±2V, 4V, 2V), 5V Supply, 12-Bit DAS with 8 4 Bus Interface Multi-Range (4V, 2V, 4V, 2V), 5V Supply, 12-Bit DAS with 8 4 Bus Interface
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
T5557NBSP T5557 |
Multi-functional 330-bit transponder IC with 64-bit unique ID, ISO11784/85-compatibility (programmab From old datasheet system
|
Atmel Corp
|
AK4394VF AK4394 |
ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
|
Asahi Kasei Microsystem... Asahi Kasei Microsystems Co.,Ltd
|
CS5381-KZZ CS5381-KZZR CS5381-KSZ CIRRUSLOGICINC-C |
120 dB, 192 kHz, Multi-Bit Audio A/D Converter 2-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO24
|
Cirrus Logic, Inc.
|
CS5342-DZZ CDB5342 |
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER 2-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16
|
Cirrus Logic, Inc.
|
AM42DL6404G AM42DL6404G85IS AM42DL6404G85IT AM42DL |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
|
SPANSION[SPANSION] AMD[Advanced Micro Devices]
|
AM42DL3244GB55IT AM42DL32X4G |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
|
Advanced Micro Devices
|