PART |
Description |
Maker |
HI3-0201HS4 HI3-0201HS5 HI1-0201HS2 HI1-0201HS5 HI |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 536-0414-4 90; Contact Mating Area Plating: Tin Interface IC 接口IC
|
Intersil, Corp.
|
HGT1S7N60A4DS9A |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0692-5 53; Contact Mating Area Plating: Gold 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展|4A一(c)|63AB
|
Intersil, Corp.
|
SYC130 NEC256 SHC130 SEC130 SGC130 SRC130 NEC250 S |
LED Displays Optoelectronic From old datasheet system Intel® 82566MC Gigabit Ethernet PHY, Single Port, Pb-Free 2LI, FCBGA, Tray Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0659-0 05; No. of Positions: 18; Connector Type: Wire (degrees C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Inch type screw; MIL-C-24308 C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Locking device with rectangular mating locking base; Through hole C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Field-mounting locking device; PCB locking clip; MIL-C-24308 Optoelectronic 光电
|
IDEA NEC
AME, Inc. Sanken Electric Co., Ltd.
|
AT-220 AT-101 AT-102 AT-100 AT-210 AT-303 AT-306 A |
ER 3C 2#16 1#0 SKT RECP BOX ER 4C 4#8 SKT RECP BOX ER 9C 8#16 1#8 SKT RECP BOX ER 8C 8#12 SKT RECP ER 7C 7#16 PIN RECP BOX Fixed Attenuators (SMA Type) 固定衰减器(SMA型)
|
Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
5962-9210901HZX ATW2805D ATW2805D_CH ATW2805D_ES A |
Hi-Rel DC-DC Standard Dual Converter in a ATW package 高可靠性的DC - DC标准在ATW包双转换 ER 3C 1#16 2#8 SKT RECP BOX 先进的模拟混合,高度可靠的DC / DC转换 ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS 先进的模拟混合,高度可靠的DC / DC转换 ER 24C 24#16 PIN RECP ER 24C 24#16 SKT RECP AC 9C 6#12 3#8 SKT RECP BOX DC to DC Converter ER 7C 7#8 SKT RECP BOX ER 7C 7#8 PIN RECP From old datasheet system
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
AM108 AM156 AM101 AM158 AM100 AM1010 AM102 AM104 A |
Circular Connector; No. of Contacts:26; Series:MS27505; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:17-26 RoHS Compliant: No LJT 6C 6#12 SKT REAR BOX MTG LJT 8C 8#16 PIN RECP Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:17-35 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:15-5 RoHS Compliant: No Silicon Miniature Single-Phase Bridge
|
Comchip Technology Co., Ltd. COMCHIP[Comchip Technology]
|
BHR12VSGASMTPPTR1118 |
BOX HEADER
|
Adam Technologies, Inc.
|
BHR10VSGASMTPPTR1118 |
BOX HEADER
|
Adam Technologies, Inc.
|
BHR-XX-HUA-MS |
BOX HEADER
|
Adam Technologies, Inc.
|
MHR-XX-HUAL |
LATCH BOX HEADER
|
Adam Technologies, Inc.
|
61202021621 |
2.54MM MALE BOX HEADER
|
Wurth Elektronik GmbH &...
|