PART |
Description |
Maker |
HFA105NH60 |
600V 105A HEXFRED Discrete Diode in a D-67 Half-Pak package
|
International Rectifier
|
HFA16TB120S HFA16TB120STRR HFA16TB120STRL |
1200V 16A HEXFRED Discrete Diode in a D2-Pak (HEXFRED) package HEXFREDTM Ultrafast, Soft Recovery Diode
|
International Rectifier
|
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
15ETH06 15ETH06-1 15ETH06S 15ETH06FP |
Hyperfast Rectifier Hyperfast整流 600V 15A Hyperfast Discrete Diode in a TO-220 FullPack package 600V5A条Hyperfast分立二极管采TO - 220 FullPack 600V 15A HyperFast Discrete Diode in a TO-220AC package 600V 15A HyperFast Discrete Diode in a TO-262 package 600V 15A HyperFast Discrete Diode in a D2-Pak (UltraFast) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
HFA16TB120 |
1200V 16A HEXFRED Discrete Diode in a TO-220AC package
|
International Rectifier
|
HFA30PB120 |
1200V 30A HEXFRED Discrete Diode in a TO-247 (2 LEAD) package
|
International Rectifier
|
15ETX06S 15ETX06 15ETX06-1 15ETX06FP |
15 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC Hyperfast Rectifier 600V 15A HyperFast Discrete Diode in a TO-220AC package 600V 15A HyperFast Discrete Diode in a TO-262 package 600V 15A HyperFast Discrete Diode in a TO-220 FullPack package
|
IRF[International Rectifier]
|
HFA70NK60C |
600V 70A HEXFRED Common Cathode Diode in a TO-249AA Non-Isolated package
|
International Rectifier
|
IRG4PC40K |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.1V, @Vge=15V, Ic=25A)
|
IRF[International Rectifier]
|