PART |
Description |
Maker |
BR3500W BR3501W BR3502W BR3504W BR3510W BR3506W BR |
SILICON BRIDGE RECTIFIERS ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost Effective- Efficiency to 85% 硅桥式整流器
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
BR3500 BR3501 BR3502 BR3504 BR3510 BR3506 BR3508 |
SILICON BRIDGE RECTIFIERS ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost Effective- Efficiency to 85% 硅桥式整流器
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
KBPC0610 KBPC608 BR605 BR61 BR610 BR64 BR68 KBPC60 |
Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:19; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:14-19 ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost 6.0A BRIDGE RECTIFIERS
|
乐山无线电股份有限公 LRC[Leshan Radio Company]
|
ACT4423-DF ACT4423-D ACT4423-DI ACT4423 ACT4423-DF |
ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
|
Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
ACT8504-T ACT8504-S ACT8504-I ACT8504-C ACT8504 AC |
ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% ACT8504抗辐 ACT8504 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module With MUX Output Monitor Function
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
RBM-505D RBM-505S RBM-515S RBM-515D RBM-3.31.8S RB |
ECONOLINE - DC/DC - CONVERTER Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; No. of Contacts:128; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight ECONOLINE - DC/DC-CONVERTER ECONOLINE -直流/直流转换
|
http:// RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
ACT4436-DFI ACT4436-DF ACT4436 ACT4436-DI ACT4436- |
ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% 436双收发MIL-STD-1553/1760 ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760 436双收发MIL-STD-1553/1760
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
REC5-1215SRWLZ REC5-1215DRWLZ REC5-1215DRWL REC5-1 |
5W DC/DC converter with 68V input, -12V/ -208mA output THYRISTOR PROTECT BIDIR 50A SMB THYRISTOR PROTECT BIDIR 100A SMB MB 19C 19#12 SKT RECP ECONOLINE -直流/直流-转炉 MB 21C 21#16 SKT RECP ECONOLINE -直流/直流-转炉 THYRISTOR PROTECT BI-DIR 50A SMB ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
1307032 ANPC-131 ANPC-128 ANPC-135 |
Quck mount micro GPS patch antenna QuickMount Micro GPS Patch Antennas Hook-Up Wire; Conductor Size AWG:10; No. Strands x Strand Size:65 x 28; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
|
MA-Com MACOM[Tyco Electronics]
|
ACT8501-T ACT8501-I ACT8501-C ACT8501 ACT8501-7 AC |
ACT8501 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module ACT8501 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85%
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc.
|