PART |
Description |
Maker |
CY7C1351 7C1351 CY7C1351-66AC 7C1351-40 7C1351-50 |
128Kx36 Flow-Through SRAM with NoBL TM Architecture From old datasheet system 128Kx36 Flow-Through SRAM with NoBL Architecture
|
CYPRESS[Cypress Semiconductor]
|
CY7C1350 7C1350 |
128Kx36 Pipelined SRAM with NoBL Architecture(带NoBL结构28Kx36流水线式 SRAM) 128K × 36至流水线与总线延迟静态存储器体系结构(带总线延迟结构28K × 36至流水线式的SRAM 128Kx36 Pipelined SRAM with NoBL Architecture(B>NoBL结构28Kx36流水线式 SRAM) From old datasheet system
|
Cypress Semiconductor Corp.
|
AS7C33256FT32_36A AS7C33256FT32_36A.V1.1 AS7C33256 |
3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 36 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 24Vz 10.5mA-Izt 0.05 5uA-Ir 18.2Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|
KM736V799 |
128Kx36 Synchronous SRAM
|
Samsung Semiconductor
|
KM736V789 |
128Kx36 Synchronous SRAM
|
Samsung Semiconductor
|
AS7C3364FT36B-80TQIN AS7C3364FT32B AS7C3364FT32B-1 |
From old datasheet system Shielding Gasket; Gasket Style:D-Shaped; Body Material:Beryllium Copper alloy #C17200; Height:.11"; Length:16"; Mounting Type:Adhesive; Thickness:.0027"; Width:.28" 64K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 64K x 32/36 Flow Through Synchronous SRAM 64K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 64K x 32/36 Flow Through Synchronous SRAM 64K X 36 STANDARD SRAM, 7.5 ns, PQFP100
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
KM736V790 |
128Kx36 Synchronous SRAM From old datasheet system
|
Samsung
|
K7B403625M |
128Kx36-Bit Synchronous Burst SRAM
|
SAMSUNG[Samsung semiconductor]
|
CY7C1361C-133AXC CY7C1361C-133BGI CY7C1361C-133AJX |
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 8.5 ns, PBGA119 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 8.5 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 9兆位56 × 36/512K × 18)流通过的SRAM 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 6.5 ns, PBGA165
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AS7C33512FT32_36A AS7C33512FT32_36A.V1.4 AS7C33512 |
3.3V 512K x 32/36 Flow-through synchronous SRAM 512K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 512K x 32/36 Flow-through synchronous SRAM 512K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 512K x 32/36 Flow-through synchronous SRAM 512K X 36 STANDARD SRAM, 7.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 39Vz 6.5mA-Izt 0.05 5uA-Ir 29.7Vr DO41-GLASS 5K/AMMO DIODE ZENER SINGLE 1000mW 27Vz 9.5mA-Izt 0.05 5uA-Ir 20.6Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|