PART |
Description |
Maker |
ADM1818-10AKS-REEL ADM1818-20AKS-REEL ADM1818-10AK |
Microprocessor Supervisory in SOT-23 with Manual Push Button Option Microprocessor Supervisory in SOT-23 with Open Drain Output Choices Microprocessor Supervisory in SOT-23 with Active High Push-Pull Output
|
Analog Devices
|
MAX792 MAX792CPE MAX792CSE MAX792EJE MAX792EPE MAX |
Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.62V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.37V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 2.61V. Reset and low-line threshold accuracy -2% Microprocessor Voltage Monitors with Programmable Voltage Detection Dual D-type Positive-Edge-Triggered Flip-Flops With Clear And Preset 14-CFP -55 to 125 微处理器和非挥发性内存监控电 Microprocessor and Non-Volatile Memory Supervisory Circuits From old datasheet system Microprocessor and non-volatile metory supervisory circuit. Reset threshold 3.06V. Reset and low-line threshold accuracy -2%
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ADM70508 ADM705ARZ ADM705ARZ-REEL ADM705AN ADM705A |
Low Cost Microprocessor Supervisory Circuit; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Low Cost Microprocessor Supervisory Circuits 3 V, Voltage Monitoring Microprocessor Supervisory Circuit; Package: PDIP; No of Pins: 8; Temperature Range: Industrial Low Cost Microprocessor Supervisory Circuits
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADM1232A ADM1232AAN ADM1232AARM ADM1232AARN ADM123 |
Microprocessor Supervisory Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 Microprocessor Supervisory Circuit 微处理器监控电路
|
Analog Devices, Inc. AD[Analog Devices]
|
SGM812-15 SGM811 SGM811-15 |
Microprocessor Supervisory Microprocessor Supervisory with Manual Reset Input
|
Shengbang Microelectronics ... Shengbang Microelectron...
|
ADM1818 ADM1811 ADM1813 ADM1815 ADM1816 |
Microprocessor Supervisory in SOT-23 with Manual Push Button Option Microprocessor Supervisory in SOT-23 with Open Drain Output Choices Microprocessor Supervisory in SOT-23 with Active Low Open Drain Output Choices Microprocessor Supervisory in SOT-23 with Active Low Push-Pull Output Choices Microprocessor Supervisory in SOT-23 with Low Active OpenDrain Output Choices
|
Analog Devices
|
6CIH07B 3CIH07B 80CIL14B 15CIH07B 20CIH07B 25CIH07 |
Microprocessor Supervisory Circuits 3 Pin Microprocessor Reset Monitor, -40C to 125C, 3-SC-70, T/R Fuse 保险
|
Yageo, Corp.
|
MAX804 MAX805 |
3.0V/3.3V Microprocessor Supervisory Circuits(具有看门狗和支持备用电池,3V高精度复位器(高电压复) 3.0V/3.3V微处理器监控电路 3.0V/3.3V Microprocessor Supervisory Circuits(具有看门狗和支持备用电池的复位器(高电压复) 3.0V/3.3V微处理器监控电路
|
Maxim Integrated Products, Inc.
|
36-250G 36-250A 36-015A 36-015G 36-050G 36-050A 37 |
Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Signal Conditioner 信号调理
|
Vishay Intertechnology, Inc.
|
ADM8692ARN ADM8692 ADM8692AN ADM8693 ADM8693ARW AD |
Microprocessor Supervisory Circuits uP Supervisory Circuit 8-Pin DIP µP Supervisor with Backup Battery Switchover 200ms Nominal Adjustable Reset Period Adjustable Watchdog Period Chip Enable ...
|
Analog Devices
|
R5106N |
Microprocessor Supervisory Circuit
|
RICOH electronics devices division
|
MAX791 MAX791CPE MAX791CSE MAX791EJE MAX791EPE MAX |
Microprocessor Supervisory Circuit
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|