PART |
Description |
Maker |
GMD81400 GMF11201 GMF10201 GMF90201 GMF10601 GMF10 |
CAPACITOR, VARIABLE, MICA, 250 V, 380 pF - 1300 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 880 pF - 2330 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 15 pF - 130 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 2000 V, 10 pF - 48 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 275 pF - 970 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 550 pF - 1600 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 65 pF - 340 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 450 pF - 1390 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1300 pF - 2830 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 115 pF - 550 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1150 pF - 2605 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 45 pF - 280 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 350 pF - 1180 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 190 pF - 760 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 780 pF - 2110 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 650 pF - 1890 pF, PANEL MOUNT
|
Sprague-Goodman Electronics, Inc.
|
EEUEBXXX EEUEB1A101 EEUEB1A101S EEUEB1A221 EEUEB1A |
Aluminum Electronic Capacitor Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 220 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 100 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 3.3 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 1000 uF, THROUGH HOLE MOUNT KJL 79C 79#22 PIN RECP CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 4.7 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 1000 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 1000 uF, THROUGH HOLE MOUNT
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
MH32S72BBFA-6 |
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:7.5VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:780uF
|
Mitsubishi Electric Corporation
|
DC321A103KA5210 DC321A103JA5510 DC261E682ZA5106 DC |
1 FUNCTIONS, 100 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 200 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 400 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 50 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 160 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 500 V, FEED THROUGH CAPACITOR
|
AVX CORP
|
M34282M2-064GP |
Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:75VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:68000uF RoHS Compliant: Yes
|
Mitsubishi Electric Corporation
|
B45196H2227K509 B45196H1226K209 B45196H1106K109 |
CAPACITOR 220UF 10V CAPACITOR 22UF 63V 电容22UF 63V CAPACITOR 10UF 63V
|
KEMET Corporation
|
2463-000-X7U0-152P 2482-001-X5U0-471M 2450-001-X5R |
Feed-Thru Capacitor Solder Mount 1 FUNCTIONS, 100 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 300 V, 20 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 500 V, 20 A, FEED THROUGH CAPACITOR
|
TUSONIX, Inc. TUSONIX INC
|
TVX2A2R2MAA TVX2A470MAA TVX2A100MAA TVX2W470MDA TV |
CAPACITOR 2.2UF 100V Inhalt pro Packung: 500 Stk. CAPACITOR 47UF 100V Inhalt pro Packung: 200 Stk. CAPACITOR 10UF 100V Inhalt pro Packung: 500 Stk. CAPACITOR 47UF 450V Inhalt pro Packung: 25 Stk. CAPACITOR 47UF 350V Inhalt pro Packung: 50 Stk. CAPACITOR 33UF 450V Inhalt pro Packung: 50 Stk. 电容33UF 450V Inhalt亲Packung50沙头角 CAPACITOR 22UF 63V Inhalt pro Packung: 500 Stk. 电容22UF 63V Inhalt亲Packung00沙头角 CAPACITOR 220UF 25V Inhalt pro Packung: 200 Stk. 电容220UF 25V的Inhalt亲Packung00沙头角 CAPACITOR 2200UF 25V Inhalt pro Packung: 100 Stk. 电容2200UF 25V的Inhalt亲Packung00沙头角 CAPACITOR 220UF 35V Inhalt pro Packung: 200 Stk. 电容220UF 35V的Inhalt亲Packung200沙头角
|
LELON ELECTRONICS, CORP. Nichicon, Corp.
|
MX802J MX802LH MX802LH8 |
CVSD, CVSD CODEC, PQCC24 Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:250VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:375uF RoHS Compliant: Yes DVSR CODEC
|
CML MICROSYSTEMS PLC Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers CML Microcircuits
|
29160B910JO0 29160B331JO0 29120B243JO0 29110B823JO |
Silver Mica Capacitor; Capacitance:10000pF; Capacitance Tolerance: 5%; Series:291; Voltage Rating:4000VDC; Capacitor Dielectric Material:Mica; Termination:Screw; Working Voltage, DC:4000V CAPACITOR, MICA, 0.01 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.0075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.00075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.000075 uF, CHASSIS MOUNT High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electr...
|
DDTBLO-R1U DDTB122TU-7 DDTB142JU-7 DDTB122LU-7 DDT |
From old datasheet system PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR Silver Mica Capacitor; Capacitance:62pF; Capacitance Tolerance: /- 5%; Series:CD17; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:75VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:27000uF RoHS Compliant: Yes
|
DIODES[Diodes Incorporated] Diodes Inc.
|
GNM1M2R61A105MEA4 |
CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
|
Murata Manufacturing Co...
|
|