PART |
Description |
Maker |
TA78DL05AF TA78DL06AF TA78DL09AF TA78DL08AF TA78DL |
Three-Terminal Low Dropout Voltage Regulator 5V Three-Terminal Low Dropout Voltage Regulator 6V Three-Terminal Low Dropout Voltage Regulator 9V Three-Terminal Low Dropout Voltage Regulator 8V Three-Terminal Low Dropout Voltage Regulator 12V Three-Terminal Low Dropout Voltage Regulator 10V
|
TOSHIBA
|
MC33269ST MC33269ST-12 MC33269ST-3.3 MC33269ST-5.0 |
800 mA LOW DROPOUT THREE-TERMINAL VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO4 800 mA LOW DROPOUT THREE-TERMINAL VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSFM3
|
Motorola, Inc Motorola Mobility Holdings, Inc.
|
KIA78DL05F KIA78DL15F KIA78DL06F KIA78DL08F KIA78D |
0.25A 3-Terminal Low Drop Voltage BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)] KEC Holdings
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
ADP3330 ADP3330ART-25 ADP3330ART-275 ADP3330ART-28 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.75 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 3.6 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 High Accuracy Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator High Accuracy Ultralow I(Q), 200 mA, SOT-23, anyCAP® Low Dropout Regulator Analog Devices High Accuracy Ultralow I(Q), 200 mA, SOT-23, anyCAPLow Dropout Regulator High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP?/a> Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
SI-3120J SI-3150J SI-3090J SI-3000J SI-3050J SI-3. |
5-Terminal Multi-Function Full-Mold Low Dropout Voltage Dropper Type 5-Terminal/ Multi-Function/ Full-Mold/ Low Dropout Voltage Dropper Type 5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type 5 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PZFM5 5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type 9 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PZFM5
|
SANKEN[Sanken electric] Sanken Electric Co.,Ltd. Sanken Electric Co., Ltd.
|
MAX6125 MAX6160EUS-T |
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor
|
OM7648SM OM7649SM OM7650SM |
Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator SURFACE MOUNT POSITIVE 0.5 VOLT, LOW DROPOUT VOLTAGE REGULATOR
|
International Rectifier ETC
|
ADP3300ART-3-REEL ADP3300ART-3-REEL7 ADP3300ART-5- |
0.3-16V; high accuracy anyCAP 50mA low dropout linear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulators, bar code scanners, camcoders, cameras High Accuracy anyCAP 50 mA Low Dropout Linear Regulator High Accuracy anyCAP? 50 mA Low Dropout Linear Regulator High Accuracy anyCAP® 50 mA Low Dropout Linear Regulator High Accuracy anyCAP50 mA Low Dropout Linear Regulator THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 LEAD FREE, ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN
|
Analog Devices, Inc. ANALOG DEVICES INC
|
UPC2910HB UPC2910HF UPC2910T UPC2933HB UPC2933HF U |
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
|
NEC[NEC]
|
|