PART |
Description |
Maker |
IMP38C42_D IMP38C42EMA IMP38C42EPA IMP38C42EPD IMP |
BiCMOS Current-Mode PWM Controllers BiCMOS Cur BiCMOS Curr rent-Mode ent-Mode PWM Contr PWM Controller ollers s From old datasheet system BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode External Plug-In Power Supply; Series:FW30; Output Voltage:12V; Output Power Max:30W; Output Current:2.5A; No. of Outputs:1; Input Current:2.50A; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No RECTIFIER BRIDGE 1.5A 800V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE RECTIFIER STANDARD SINGLE 1A 400V 400 25A-ifsm 3uA-ir 1.1V-vf PowerDI123 3K/REEL 的BiCMOS电流模式PWM控制 RECTIFIER BRIDGE 1.5A 1000V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE 的BiCMOS电流模式PWM控制 SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, UUC SWITCHING CONTROLLER, PDSO8 0.5 A SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO8
|
IMP[IMP Inc] A1 PROs co., Ltd. IMP[IMP, Inc] IMP Inc IMP INC.
|
B38C43M B38C42 B38C42M B38C42P B38C43 B38C43P B38C |
BiCMOS Current Mode PWM Controller
|
BayLinear ETC List of Unclassifed Manufacturers
|
MIC38C42 MIC38C43 MIC38C44 MIC38C45 MIC38C45BN MIC |
BiCMOS Current-Mode PWM Controllers
|
http:// MICREL[Micrel Semiconductor]
|
MIC38C43AYM |
BiCMOS Current-Mode PWM Controllers 0.5 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO8
|
Maxim Integrated Products, Inc.
|
MIC38HC42YM MIC38HC42YN MIC38HC44YM MIC38HC44YN MI |
BiCMOS 1A Current-Mode PWM Controllers
|
Micrel Semiconductor
|
74LVTH16244TTR 74LVTH16244LBR 74LVTH16244 74LVTH16 |
LOW VOLTAGE BICMOS 16 BIT BUS BUFFER WITH BUS HOLDER AND POWER UP 3-STATE LOW VOLTAGE BICMOS 16 BIT BUS BUFFER WITH BUS HOLD AND POWER UP 3-STATE
|
ST Microelectronics STMicroelectronics
|
SIP280011 SIP2801 |
Low Power Consumption Current Mode Controller
|
http://
|
NCP1200AP40 |
PWM Current Mode Controller With Low Standby Power, 40/60/100kHz
|
ON Semiconductor
|
WMS512K8BV-20E WMS512K8BV-17E WMS512K8BV-17DEMEA W |
20ns; low voltage operation: 3.3V -10% power supply; 512K x 8 monolithic SRAM 17ns; low voltage operation: 3.3V -10% power supply; 512K x 8 monolithic SRAM 15ns; low voltage operation: 3.3V -10% power supply; 512K x 8 monolithic SRAM 512K X 8 STANDARD SRAM, 17 ns, CDSO32 512Kx8 Monolithic SRAM(512Kx8单片静态RAM(BiCMOS,存取时间17ns 512Kx8 Monolithic SRAM(512Kx8单片静态RAM(BiCMOS,存取时间20ns
|
White Electronic Designs Corporation
|
MAX44284 |
36V, Input Common-Mode, High-Precision,Low-Power Current-Sense Amplifier
|
Maxim Integrated Produc...
|