PART |
Description |
Maker |
MC10H332FN MC10H33206 MC10H332FNG MC10H332PG MC10H |
Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
|
ONSEMI[ON Semiconductor]
|
NJU6401 NJU6401B NJU6401BD NJU6401BM |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS232C LINE DRIVER/RECEIVER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
UPD4723GS-GJG UPD4723 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
|
NEC Corp. NEC[NEC]
|
N8T26AF N8T26AB N8T28 N8T28B N8T28F S8T28F AM8T26A |
Schottky Three-State Quad Bus Driver/Receiver Schotty 3 State Quad Bus Driver / Receiver
|
AMD[Advanced Micro Devices]
|
LT1039A-16 LT1039A LT1039ACN1 LT1039ACSW LT1039AI |
Triple RS232 Driver/Receiver with Shutdown From old datasheet system TERM BLOCK HDR 5.08MM 15POS PCB JT 61C 61#20 SKT RECP Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO16
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
SP3220B SP3220BCA SP3220BCT SP3220BCY SP3220BEA SP |
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 320 x 240 pixel format, Chip-On-Glass Technology 高.0V.5V的RS - 232驱动接收
|
SIPEX[Sipex Corporation]
|
SP385E SP385ECA SP385ECT SP385EEA SP385EET |
Enhanced 3V or 5V RS-232 Line Driver/Receiver Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
SIPEX[Sipex Corporation]
|
EL1501 EL1501C EL1501CM |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Differential Line Driver/Receiver
|
Intersil, Corp. ELANTEC[Elantec Semiconductor]
|
DM74ALS244A DM74ALS244AMSA DM74ALS244AN DM74ALS244 |
Dual 4-Bit Non-Inverting Buffer/Driver Octal 3-STATE Bus Driver From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
LT1780CSWPBF LT1781CSPBF LT1781CNPBF LT1780CNPBF |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP18
|
Linear Technology, Corp.
|