PART |
Description |
Maker |
MMB1901R480 MM-B1901-R480 36512-0196 0365120196 |
2.54mm (.100) Pitch DIN 41612 Header, Vertical, Through Hole, 0.4μm (16μ) Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4渭m (16渭") Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4楼矛m (16楼矛") Selective Gold (Au), 48 Circuits
|
Molex Electronics Ltd.
|
36509-0038 MM-B2500-R963 0365090038 |
2.54mm (.100) Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60楼矛m (24楼矛") Selective Gold (Au) Plating, 64 Circuits
|
Molex Electronics Ltd.
|
0850520830 85052-0830 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R/2 Reverse, 48 Circuits 2.54mm (.100") Pitch DIN 41612 Receptacle, Style R/2 Reverse, 48 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
85013-3196 0850133196 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1μm (40μ) Selective Gold (Au), 48 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1渭m (40渭) Selective Gold (Au), 48 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1楼矛m (40楼矛) Selective Gold (Au), 48 Circuits, Lead free
|
Molex Electronics Ltd.
|
0850031378 85003-1378 |
2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27μm (50μ) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27渭m (50渭) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27楼矛m (50楼矛) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips
|
Molex Electronics Ltd.
|
0850426086 85042-6086 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 64 Circuits
|
Molex Electronics Ltd.
|
0850423316 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 32 Circuits
|
Molex Electronics Ltd.
|
0850421079 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
85003-3093 0850033093 |
2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 1渭m (40渭) Selective Gold (Au), 48 Circuits, First-Mate-Last-Break Pins Available, Le 2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 1μm (40μ) Selective Gold (Au), 48 Circuits, First-Mate-Last-Break Pins Available, Lead free
|
Molex Electronics Ltd.
|
|