Part Number Hot Search : 
PCI9080 GMP4202 RF1660 PSB35T08 MCJ10A PD70F SK204 DS1822
Product Description
Full Text Search

64001-4900 - .250Tab Size Nylon Fully Insulated Quick Disconnect Solderless Terminals

64001-4900_1629036.PDF Datasheet


 Full text search : .250Tab Size Nylon Fully Insulated Quick Disconnect Solderless Terminals


 Related Part Number
PART Description Maker
387216702 9.53 [.375] SR BTS ASY, INSUL. FT, W/MTG
Molex Electronics Ltd.
MDT10P73 This EPROM-Based 8-bit micro-controller uses a fully static CMOS technology process to achieve higher speed and smaller size with the low power consum
List of Unclassifed Manufacturers
MDT10P73 THIS EPROM-BASED 8-BIT MICRO-CONTROLLER USES A FULLY STATIC CMOS TECHNOLOGY PROCESS TO ACHIEVE HIGHER SPEED AND SMALLER SIZE WITH THE LOW POWER CONSUM
ETC
BD45XXXG BD46462G BD45425 BD45XX1G BD45XX5G BD4541    VOLTAGE DETECTOR IC
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:10mA; Package/Case:3-TO-92; Current, It av:0.8A; Holding Current:15mA
Voltage detectors
Hook & Loop Cable Fastener; Roll Length:18yard; Color:Black; Body Material:Polypropylene hook/nylon loop; External Width:0.375" RoHS Compliant: Yes 电压检测器IC
VOLTAGE DETECTOR IC 电压检测器IC
CONN MINI D PLUG 50POS R/A GOLD 电压检测器IC
D-Subminiature Connector; Gender:Female; No. of Contacts:26; Contact Termination:IDC; D Sub Shell Size:DB26; Body Material:Steel; Contact Plating:Nickel; Mounting Type:PC Board; Pitch Spacing:0.05" RoHS Compliant: Yes 电压检测器IC
Hook & Loop Cable Fastener; Roll Length:18yard; Color:Yellow; Body Material:Polypropylene hook/nylon loop; Boxed:Yes; External Width:0.5" RoHS Compliant: Yes 电压检测器IC
3M FULLY INSULATED NYLON FEMALE TERMINAL, WIRE SIZE: 22-18 AWG, STUD SIZE: 3/16 , FEATURES: PROVIDES A VARIETY OF UNIQUE DESIGN FEATURES WHICH ASSURE CONSISTENTLY EFFECTIVE AND RELIABLE PERFORMANCE, AND EASY INSTALLATION, QUANTITY: 5 电压检测器IC
SPLICE TERMINAL INSULATED INLINE 22-18AWG 50PK 电压检测器IC
180 OHM,5%,1/4/W,1210
3M FULLY INSULATED NYLON FEMALE TERMINAL, WIRE SIZE: 16-14 AWG, STUD SIZE: 1/4 , FEATURES: PROVIDES A VARIETY OF UNIQUE DESIGN FEATURES WHICH ASSURE CONSISTENTLY EFFECTIVE AND RELIABLE PERFORMANCE, AND EASY INSTALLATION, QUANTITY: 50
3M VINYL INSULATED FEMALE TERMINAL, WIRE SIZE: 16-14 AWG, STUD SIZE: 1/4 , FEATURES: PROVIDES A VARIETY OF UNIQUE DESIGN FEATURES WHICH ASSURE CONSISTENTLY EFFECTIVE AND RELIABLE PERFORMANCE, AND EASY INSTALLATION, QUANTITY: 50 PER B
Correct MPN is 100-016-001 which is obsolete. RoHS replacement is 100-016-051
CON 10120-52B2VC 3M 1
HOLDER, NO.1, 6X25MM; Diameter, external:25mm; Impact rate, max:6BPM; Length:6mm RoHS Compliant: NA
BAG, SHIELDED, 300X400MM, PK100; Length / Height, external:400mm; Resistivity, surface inner:100ohm/sq; Resistivity, surface outer:1000000Mohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, MIL-STD-1686, and RoHS Compliant: Yes
BAG, SHIELDED, 250X350MM, PK100; Length / Height, external:350mm; Resistivity, surface inner:100ohm/sq; Resistivity, surface outer:1000000Mohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, MIL-STD-1686, and RoHS Compliant: Yes
BAG, SHIELDED, 250X300MM, PK100; Length / Height, external:300mm; Resistivity, surface inner:100ohm/sq; Resistivity, surface outer:1000000Mohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, MIL-STD-1686, and RoHS Compliant: Yes
BAG, SHIELDED, 400X450MM, PK100; Length / Height, external:450mm; Resistivity, surface inner:100ohm/sq; Resistivity, surface outer:1000000Mohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, MIL-STD-1686, and RoHS Compliant: Yes
shield is positioned between two layers of plastic; Length/Height, External:450mm RoHS Compliant: Yes
shield is positioned between two layers of plastic; Length/Height, External:100mm RoHS Compliant: Yes
26-D SMT CON 10226-2210VE MDR26
(BD45xxxG / BD46xxxG) VOLTAGE DETECTOR IC
Rohm Co., Ltd.
Rohm CO.,LTD.
19163-0178 64001-1800 64001-7300 64001-1700 64001- Nylon Insulated .250 Tab Size Quick Disconnect,Quick Disconnect Adaptor and Coupler
MolexKits
PV6-38R-E PV6-10R PV6-14R PV6-56R PV6-8R PV6-12R 6 BARREL V NYL INSULATED RING TONGUE 340 8.64 MAX WIRE INSUL DIAMETER
PANDUIT CORP.
39357-0002 39357-0003 39357-0004 39357-0005 39357- Terminal Block; Number of Positions:2; Pitch Spacing:3.5mm; Wire Size (AWG):28-16; Mounting Type:PC Board; Body Material:PA Polyamide (Nylon) 6/6; Color:Black; Current Rating:17.5A; Gender:Header; Number of Contacts:2
Terminal Block; No. of Positions:8; Pitch Spacing:3.5mm; Wire Size (AWG):28-16; Mounting Type:PC Board; Body Material:PA Polyamide (Nylon) 6/6; Color:Black; Current Rating:17.5A; Gender:Header; No. of Contacts:8; No. of Rows:1 RoHS Compliant: Yes
3.50mm (.138? Pitch 35 Series Beau? Eurostyle? Fixed Terminal Blocks
3.50mm (.138隆卤) Pitch 35 Series Beau垄莽 Eurostyle垄莽 Fixed Terminal Blocks
MOLEX INC
Molex Electronics Ltd.
SC2004G CHARACTER LCD MODULE display format: 20x4; module size: 98x60x8.8; viewing size: 77.0x26.3; character size: 2.95x4.75; dot size: 0.55x0.55;
SC2004G (20 CHARACTERS x 4 LINES)
SUNLIKE
ETC[ETC]
List of Unclassifed Manufacturers
SC4004B CHARACTER LCD MODULE display format: 40x4; module size: 288.3x77.5x17.0; viewing size: 260.0x56.6; character size: 5.16x10.52; dot size: 1.00x1.28;
SUNLIKE
DV16235 CHARACTER LCD MODULE display format: 16x2; module size: 85.0x35.0x10.0; viewing size: 62.2x17.9; dot size: 0.55x0.65; character size: 2.95x5.55;
Data International CO.LTD.
DV16236 CHARACTER LCD MODULE display format: 16x2; module size: 85.0x36.0x10.0; viewing size: 62.2x17.9; dot size: 0.55x0.65; character size: 2.95x5.55;
Data International CO.LTD.
DV16100 CHARACTER LCD MODULE display format: 16x1; module size: 80.0x36.0x10.0; viewing size: 64.5x13.8; dot size: 0.56x0.75; character size: 3.07x6.56;
Data International CO.LTD.
 
 Related keyword From Full Text Search System
64001-4900 fairchild 64001-4900 appreciate 64001-4900 crystal 64001-4900 gate 64001-4900 motor
64001-4900 regulator 64001-4900 Band 64001-4900 device 64001-4900 Terminal 64001-4900 module
 

 

Price & Availability of 64001-4900

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.45048904418945