PART |
Description |
Maker |
HGT1S11N120CNS HGTP11N120CN HGTG11N120CN HGT1S11N1 |
43A, 1200V, NPT Series N-Channel IGBT 43 A, 1200 V, N-CHANNEL IGBT, TO-263AB Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 3300uF; Voltage: 25V; Case Size: 16x25 mm; Packaging: Bulk 43 A, 1200 V, N-CHANNEL IGBT, TO-220AB 43A/ 1200V/ NPT Series N-Channel IGBT 43A 1200V NPT Series N-Channel IGBT
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MG600J2YS60A |
IGBT Module Silicon N Channel IGBT High Power Switching Applications Motor Control Applications TOSHIBA IGBT Module Silicon N Channel IGBT
|
TOSHIBA[Toshiba Semiconductor]
|
IXGP10N60A |
Low VCE(sat) IGBT, High speed IGBT 20 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
IXYS, Corp.
|
MII75-12A3 MDI75-12A3 MID75-12A3 |
IGBT Modules - Short Circuit SOA Capability Square RBSOA 90 A, 1200 V, N-CHANNEL IGBT IGBT Modules: Boost Configurated IGBT Modules
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IXGR40N60B2 |
60 A, 600 V, N-CHANNEL IGBT ISOPLUS 247, 3 PIN IGBT Discretes: Mid-Frequency Range (15KHz-40KHz) Types Single IGBT
|
IXYS, Corp.
|
ISL9V3036D3ST ISL9V3036S3ST |
EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT 21 A, 350 V, N-CHANNEL IGBT, TO-252AA
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
SGH80N60UFD SGH80N60UFDTU |
Discrete, High Performance IGBT with Diode Ultrafast IGBT 240 x 320 pixel format (Portrait Mode), CFL Backlight available with power harness 80 A, 600 V, N-CHANNEL IGBT
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
RJH60D2DPE-00-J3 RJH60D2DPE |
20 A, 600 V, N-CHANNEL IGBT SC-83, LDPAK-3 Silicon N Channel IGBT Application: Inverter
|
NXP Semiconductors N.V. Renesas Electronics Corporation
|
IXDN75N120 L209 |
High Voltage IGBT IGBT Discretes: NPT IGBT From old datasheet system High Voltage IGBT 150 A, 1200 V, N-CHANNEL IGBT
|
IXYS[IXYS Corporation] IXYS, Corp.
|
RJH60D0DPM RJH60D0DPM-00-T1 |
Silicon N Channel IGBT Application: Inverter 45 A, 600 V, N-CHANNEL IGBT
|
Renesas Electronics Corporation
|
RJH60D0DPK RJH60D0DPK-00-T0 |
Silicon N Channel IGBT Application: Inverter 40 A, 600 V, N-CHANNEL IGBT
|
Renesas Electronics Corporation
|